Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4530-1ARZ Datasheet(PDF) 52 Page - Analog Devices

Part # ADA4530-1ARZ
Description  Femtoampere Input Bias Current Electrometer Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1ARZ Datasheet(HTML) 52 Page - Analog Devices

Back Button ADA4530-1ARZ Datasheet HTML 44Page - Analog Devices ADA4530-1ARZ Datasheet HTML 45Page - Analog Devices ADA4530-1ARZ Datasheet HTML 46Page - Analog Devices ADA4530-1ARZ Datasheet HTML 47Page - Analog Devices ADA4530-1ARZ Datasheet HTML 48Page - Analog Devices ADA4530-1ARZ Datasheet HTML 49Page - Analog Devices ADA4530-1ARZ Datasheet HTML 50Page - Analog Devices ADA4530-1ARZ Datasheet HTML 51Page - Analog Devices ADA4530-1ARZ Datasheet HTML 52Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 52 / 52 page
background image
Data Sheet
ADA4530-1
OUTLINE DIMENSIONS
©2015-2024 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. C | 52 of 52
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MS-012-AA
0.25 (0.0098)
0.17 (0.0067)
1.27 (0.0500)
0.40 (0.0157)
0.50 (0.0196)
0.25 (0.0099)
45°
8°
0°
1.75 (0.0688)
1.35 (0.0532)
SEATING
PLANE
0.25 (0.0098)
0.10 (0.0040)
4
1
8
5
5.00 (0.1968)
4.80 (0.1890)
4.00 (0.1574)
3.80 (0.1497)
1.27 (0.0500)
BSC
6.20 (0.2441)
5.80 (0.2284)
0.51 (0.0201)
0.31 (0.0122)
COPLANARITY
0.10
Figure 139. 8-Lead Small Outline Package [SOIC_N]
Narrow Body
(R-8)
Dimensions shown in millimeters and (inches)
Updated: February 13, 2024
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package
Option
ADA4530-1ARZ
-40°C to +125°C
8-Lead SOIC
R-8
ADA4530-1ARZ-R7
-40°C to +125°C
8-Lead SOIC
Reel, 1000
R-8
ADA4530-1ARZ-RL
-40°C to +125°C
8-Lead SOIC
Reel, 2500
R-8
1 Z = RoHS Compliant Part.
EVALUATION BOARDS
Model1
Description
ADA4530-1R-EBZ-BUF
Evaluation Board Buffer Configuration for 8-Lead SOIC
ADA4530-1R-EBZ-TIA
Evaluation Board Transimpedance Configuration for 8-Lead SOIC
EVAL-CN0407-SDPZ
Ultrahigh Sensitivity Femtoampere Measurement Platform
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com