Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4870 Datasheet(PDF) 24 Page - Analog Devices

Part # ADA4870
Description  2500 V/μs Slew Rate, High Voltage, 1 A Output Drive Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4870 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADA4870 Datasheet HTML 16Page - Analog Devices ADA4870 Datasheet HTML 17Page - Analog Devices ADA4870 Datasheet HTML 18Page - Analog Devices ADA4870 Datasheet HTML 19Page - Analog Devices ADA4870 Datasheet HTML 20Page - Analog Devices ADA4870 Datasheet HTML 21Page - Analog Devices ADA4870 Datasheet HTML 22Page - Analog Devices ADA4870 Datasheet HTML 23Page - Analog Devices ADA4870 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
Data Sheet
ADA4870
OUTLINE DIMENSIONS
©2014-2023 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. B | 24 of 24
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
SIDE VIEW
48
13
24
36
37
0.45
0.40
0.35
0.80
0.75
0.70
0.05 MAX
0.02 NOM
0.203 REF
COPLANARITY
0.08
0.30
0.25
0.20
7.10
7.00 SQ
6.90
0.20 MIN
COMPLIANT TO JEDEC STANDARDS MO-220-WKKD-4
4.30
4.20 SQ
4.10
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
EXPOSED
PAD
PIN 1
INDICATOR AREA OPTIONS
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
SEATING
PLANE
PIN 1
INDICATOR
AREA
Figure 81. 48-Lead Dual-Pad Lead Frame Chip Scale Package [LFCSP]
7 mm × 7 mm Body and 0.75 mm Package Height
(CP-48-17)
Dimensions shown in millimeters
Updated: October 12, 2023
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package
Option
ADA4870ACPZ
-40°C to +85°C
48-lead LFCSP (7 mm x 7 mm x 0.75 mm)
CP-48-17
ADA4870ACPZ-R7
-40°C to +85°C
48-lead LFCSP (7 mm x 7 mm x 0.75 mm)
Reel, 750
CP-48-17
ADA4870ACPZ-RL
-40°C to +85°C
48-lead LFCSP (7 mm x 7 mm x 0.75 mm)
Reel, 2500
CP-48-17
1 Z = RoHS Compliant Part.
EVALUATION BOARDS
Model1
Description
EVAL-ADA4870EBZ
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com