Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8629 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8629
Description  Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8629 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8629 Datasheet HTML 12Page - Analog Devices AD8629 Datasheet HTML 13Page - Analog Devices AD8629 Datasheet HTML 14Page - Analog Devices AD8629 Datasheet HTML 15Page - Analog Devices AD8629 Datasheet HTML 16Page - Analog Devices AD8629 Datasheet HTML 17Page - Analog Devices AD8629 Datasheet HTML 18Page - Analog Devices AD8629 Datasheet HTML 19Page - Analog Devices AD8629 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADA4528-1/ADA4528-2
Data Sheet
Rev. F | Page 16 of 24
TIME (10µs/DIV)
VSY = 2.5V
RL = 10kΩ
CL = 100pF
DUT AV = –1
INPUT
OUTPUT
+7.5mV
0
–7.5mV
ERROR BAND
POST GAIN = 5
Figure 50. Negative Settling Time to 0.1%
1
10
100
1
10
100
1k
10k
FREQUENCY (Hz)
VSY = 2.5V
AV = 100
VCM = VSY/2
Figure 51. Voltage Noise Density vs. Frequency
0.1
1
10
1
10
100
1k
10k
100k
FREQUENCY (Hz)
VSY = 2.5V
VCM = VSY/2
AV = 100
Figure 52. Current Noise Density vs. Frequency
TIME (10µs/DIV)
VSY = 5V
RL = 10kΩ
CL = 100pF
DUT AV = –1
INPUT
+20mV
0
–20mV
OUTPUT
ERROR BAND
POST GAIN = 5
Figure 53. Negative Settling Time to 0.1%
1
10
100
1
10
100
1k
10k
FREQUENCY (Hz)
VSY = 5V
AV = 100
VCM = VSY/2
Figure 54. Voltage Noise Density vs. Frequency
0.1
1
10
1
10
100
1k
10k
100k
FREQUENCY (Hz)
VSY = 5V
VCM = VSY/2
AV = 100
Figure 55. Current Noise Density vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com