Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4922-1ACPZ-R2 Datasheet(PDF) 19 Page - Analog Devices

Part # ADA4922-1ACPZ-R2
Description  High Voltage, Differential 18-Bit ADC Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4922-1ACPZ-R2 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADA4922-1ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4922-1ACPZ-R2 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
Data Sheet
ADA4922-1
Rev. A | Page 19 of 19
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MS-012-A A
1.27
0.40
1.75
1.35
2.29
2.29
0.356
0.457
4.00
3.90
3.80
6.20
6.00
5.80
5.00
4.90
4.80
0.10 MAX
0.05 NOM
3.81 REF
0.25
0.17
8°
0°
0.50
0.25
45°
COPLANARITY
0.10
1.04 REF
8
1
4
5
1.27 BSC
SEATING
PLANE
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
BOTTOM VIEW
TOP VIEW
0.51
0.31
1.65
1.25
Figure 51. 8-Lead Standard Small Outline Package with Exposed Pad [SOIC_N_EP]
Narrow Body
(RD-8-1)
Dimensions shown in millimeters
TOP VIEW
8
1
5
4
0.30
0.25
0.20
BOTTOM VIEW
PIN 1 INDEX
AREA
SEATING
PLANE
0.80
0.75
0.70
1.55
1.45
1.35
1.84
1.74
1.64
0.203 REF
0.05 MAX
0.02 NOM
0.50 BSC
EXPOSED
PAD
3.10
3.00 SQ
2.90
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
COPLANARITY
0.08
0.50
0.40
0.30
COMPLIANT
TO JEDEC STANDARDS MO-229-WEED
PIN 1
INDICATOR
(R 0.15)
Figure 52. 8-Lead Lead Frame Chip Scale Package [LFCSP]
3 mm × 3 mm Body and 0.75 mm Package Height
(CP-8-13)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package
Option
Branding
ADA4922-1ARDZ
–40°C to +85°C
8-Lead Standard Small Outline Package with Exposed Pad [SOIC_N_EP]
RD-8-1
ADA4922-1ARDZ-RL
–40°C to +85°C
8-Lead Standard Small Outline Package with Exposed Pad [SOIC_N_EP]
RD-8-1
ADA4922-1ACPZ-R2
–40°C to +85°C
8-Lead Lead Frame Chip Scale Package [LFCSP]
CP-8-13
HUB
ADA4922-1ACPZ-RL7
–40°C to +85°C
8-Lead Lead Frame Chip Scale Package [LFCSP]
CP-8-13
HUB
ADA4922-1ACP-EBZ
Evaluation Board
1 Z = RoHS-Compliant Part.
©2005–2016 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D05681-0-5/16(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com