Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4177-1ARMZ-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADA4177-1ARMZ-R7
Description  OVP and EMI Protected, Precision, Low Noise and Bias Current Op Amps
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4177-1ARMZ-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADA4177-1ARMZ-R7 Datasheet HTML 25Page - Analog Devices ADA4177-1ARMZ-R7 Datasheet HTML 26Page - Analog Devices ADA4177-1ARMZ-R7 Datasheet HTML 27Page - Analog Devices ADA4177-1ARMZ-R7 Datasheet HTML 28Page - Analog Devices ADA4177-1ARMZ-R7 Datasheet HTML 29Page - Analog Devices ADA4177-1ARMZ-R7 Datasheet HTML 30Page - Analog Devices ADA4177-1ARMZ-R7 Datasheet HTML 31Page - Analog Devices ADA4177-1ARMZ-R7 Datasheet HTML 32Page - Analog Devices ADA4177-1ARMZ-R7 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
ADA4177-1/ADA4177-2/ADA4177-4
Data Sheet
Rev. E | Page 30 of 33
The ADA4177-1/ADA4177-2/ADA4177-4 have extremely low
long-term drift, as shown in Figure 97. The red, blue, and green
traces show sample units. Note that the ADA4177-1/ADA4177-2/
ADA4177-4 have a mean drift over 10,000 hours of less than
2 µV, or 2% of their maximum specified offset voltage of 60 µV
at room temperature.
TIME (Hours)
–8
–6
–4
–2
0
2
4
6
8
MEAN
MEAN PLUS ONE STANDARD DEVIATION
MEAN MINUS ONE STANDARD DEVIATION
VSY = 10V
27 UNITS
TA = 25°C
SAMPLE 1
SAMPLE 2
SAMPLE 3
Figure 97. Measured Long-Term Drift of the ADA4177-1/ADA4177-2/
ADA4177-4 Offset Voltage over 10,000 Hours
TEMPERATURE HYSTERESIS
In addition to stability over time as described in the Long-Term
Drift section, it is useful to know the temperature hysteresis,
that is, the stability vs. cycling of temperature. Hysteresis is an
important parameter because it tells the system designer how
closely the signal returns to its starting amplitude after the
ambient temperature changes and subsequent return to room
temperature. Figure 98 shows the change in input offset voltage
as the temperature cycles three times from room temperature to
+125°C to −40°C and back to room temperature. The dotted
line is an initial preconditioning cycle to eliminate the original
temperature induced offset shift from exposure to production
solder reflow temperatures.
In the three full cycles, the offset hysteresis is typically only 2 µV, or
less than 2% of its 120 µV maximum offset voltage over the full
operating temperature range. The histogram in Figure 99 shows
that the hysteresis is larger when the device is cycled through
only a half cycle, from room temperature to hot 125°C and back
to room temperature.
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
100
120
–80
–60
–20
–40
0
20
40
60
80
VSY = 10V
PRECONDITION
CYCLE 1
CYCLE 2
CYCLE 3
Figure 98. Change in Offset Voltage over Three Full Temperature Cycles
OFFSET VOLTAGE HYSTERESIS (µV)
0
40
30
50
35
45
25
20
15
10
5
0
40
30
50
35
45
25
20
15
10
5
–18
–15 –12
–9
–6
–3
0
3
6
9
12
15
18
VSY = 10V
27 UNITS × 3 CYCLES
HALF CYCLE = +26°C, +125°C, +26°C
FULL CYCLE = +26°C, +125°C, +26°C, –40°C, +26°C
HALF CYCLE
FULL CYCLE
Figure 99. Histogram Showing the Temperature Hysteresis of the Offset
Voltage over Three Full Cycles and over Three Half Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com