Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4177-2ARMZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADA4177-2ARMZ
Description  OVP and EMI Protected, Precision, Low Noise and Bias Current Op Amps
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4177-2ARMZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADA4177-2ARMZ Datasheet HTML 17Page - Analog Devices ADA4177-2ARMZ Datasheet HTML 18Page - Analog Devices ADA4177-2ARMZ Datasheet HTML 19Page - Analog Devices ADA4177-2ARMZ Datasheet HTML 20Page - Analog Devices ADA4177-2ARMZ Datasheet HTML 21Page - Analog Devices ADA4177-2ARMZ Datasheet HTML 22Page - Analog Devices ADA4177-2ARMZ Datasheet HTML 23Page - Analog Devices ADA4177-2ARMZ Datasheet HTML 24Page - Analog Devices ADA4177-2ARMZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
Data Sheet
ADA4177-1/ADA4177-2/ADA4177-4
Rev. E | Page 21 of 33
–0.003
–0.002
–0.001
0
0.001
0.002
0.003
0.004
0.005
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
–0.8
–0.4
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
TIME (µs)
VSY = ±5V
VIN = 1V p-p
RL = 2kΩ
INPUT
OUTPUT
Figure 63. Negative Settling Time to 0.1%, VSY = ±5 V
FREQUENCY (Hz)
100
10M
1M
100k
10k
1k
1k
100
1
10
AV = +1
VSY = ±15V
VSY = ±5V
Figure 64. Voltage Noise Density vs. Frequency, VSY = ±5 V and VSY = ±15 V
FREQUENCY (kHz)
0.01
100
1
10
0.1
1
0.1
0.00001
0.001
0.0001
0.01
80kHz
>500kHz
VSY = ±5V
RL = 2kΩ
VIN = 1V rms
Figure 65. THD + N vs. Frequency, VSY = ±5 V
–0.020
–0.015
–0.010
–0.005
0
0.005
0.010
0.015
0.020
–30
–25
–20
–15
–10
–5
0
5
10
–2
–1
0
1
2
3
4
5
6
7
8
TIME (µs)
VSY = ±15V
VIN = 10V p-p
RL = 2kΩ
INPUT
OUTPUT
Figure 66. Negative Settling Time 0.1%, VSY = ±15 V
0
20
16
12
8
4
0
1.0
2.0
3.0
0.5
1.5
2.5
FREQUENCY (Hz)
VSY = ±5V
VSY = ±15V
Figure 67. Voltage Noise Corner vs. Frequency, VSY = ±5 V and VSY = ±15 V
FREQUENCY (kHz)
0.01
100
1
10
0.1
1
0.1
0.00001
0.001
0.0001
0.01
80kHz
>500kHz
VSY = ±15V
RL = 2kΩ
VIN = 1V rms
Figure 68. THD + N vs. Frequency, VSY = ±15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com