Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4528-2ARMZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4528-2ARMZ
Description  Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4528-2ARMZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4528-2ARMZ Datasheet HTML 9Page - Analog Devices ADA4528-2ARMZ Datasheet HTML 10Page - Analog Devices ADA4528-2ARMZ Datasheet HTML 11Page - Analog Devices ADA4528-2ARMZ Datasheet HTML 12Page - Analog Devices ADA4528-2ARMZ Datasheet HTML 13Page - Analog Devices ADA4528-2ARMZ Datasheet HTML 14Page - Analog Devices ADA4528-2ARMZ Datasheet HTML 15Page - Analog Devices ADA4528-2ARMZ Datasheet HTML 16Page - Analog Devices ADA4528-2ARMZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
ADA4528-1/ADA4528-2
Rev. F | Page 13 of 24
0
20
40
60
80
100
120
140
160
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VSY = 2.5V
VCM = VSY/2
VCM = 1.1V
Figure 32. CMRR vs. Frequency
–20
0
20
40
60
80
100
120
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
PSRR+
PSRR–
VSY = 2.5V
Figure 33. PSRR vs. Frequency
0.001
0.01
0.1
1
10
100
1k
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
AV = 100
VSY = 2.5V
AV = 10
AV = 1
Figure 34. Closed-Loop Output Impedance vs. Frequency
0
20
40
60
80
100
120
140
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VSY = 5V
VCM = VSY/2
Figure 35. CMRR vs. Frequency
–20
0
20
40
60
80
100
120
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
PSRR+
PSRR–
VSY = 5V
Figure 36. PSRR vs. Frequency
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
AV = 100
VSY = 5V
AV = 10
AV = 1
0.001
0.01
0.1
1
10
100
1k
Figure 37. Closed-Loop Output Impedance vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com