Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4177-2ARZ-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADA4177-2ARZ-R7
Description  OVP and EMI Protected, Precision, Low Noise and Bias Current Op Amps
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4177-2ARZ-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADA4177-2ARZ-R7 Datasheet HTML 1Page - Analog Devices ADA4177-2ARZ-R7 Datasheet HTML 2Page - Analog Devices ADA4177-2ARZ-R7 Datasheet HTML 3Page - Analog Devices ADA4177-2ARZ-R7 Datasheet HTML 4Page - Analog Devices ADA4177-2ARZ-R7 Datasheet HTML 5Page - Analog Devices ADA4177-2ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4177-2ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4177-2ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4177-2ARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
ADA4177-1/ADA4177-2/ADA4177-4
Data Sheet
Rev. E | Page 2 of 33
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description......................................................................... 1
Pin Connection Diagram ................................................................ 1
Revision History ............................................................................... 3
Specifications..................................................................................... 4
Electrical Characteristics, ±5 V .................................................. 4
Electrical Characteristics, ±15 V................................................ 6
Absolute Maximum Ratings ....................................................... 8
Maximum Power Dissipation ..................................................... 8
Thermal Resistance ...................................................................... 8
ESD Caution.................................................................................. 8
Pin Configurations and Function Descriptions ........................... 9
Typical Performance Characteristics ........................................... 12
Theory of Operation ...................................................................... 25
Applications Information .............................................................. 26
Active Overvoltage Protection ................................................. 26
Limiting Overvoltage Current Out of the Positive Supply Pin
....................................................................................................... 27
EMI Protection ........................................................................... 28
Self Heating ................................................................................. 28
Using the ADA4177-1/ADA4177-2/ADA4177-4 as a
Comparator................................................................................. 28
Output Phase Reversal............................................................... 29
Proper Printed Circuit Board (PCB) Layout .......................... 29
Long-Term Drift......................................................................... 29
Temperature Hysteresis ............................................................. 30
Outline Dimensions....................................................................... 31
Ordering Guide .......................................................................... 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com