Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4522-4ARUZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADA4522-4ARUZ-R7
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4522-4ARUZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADA4522-4ARUZ-R7 Datasheet HTML 24Page - Analog Devices ADA4522-4ARUZ-R7 Datasheet HTML 25Page - Analog Devices ADA4522-4ARUZ-R7 Datasheet HTML 26Page - Analog Devices ADA4522-4ARUZ-R7 Datasheet HTML 27Page - Analog Devices ADA4522-4ARUZ-R7 Datasheet HTML 28Page - Analog Devices ADA4522-4ARUZ-R7 Datasheet HTML 29Page - Analog Devices ADA4522-4ARUZ-R7 Datasheet HTML 30Page - Analog Devices ADA4522-4ARUZ-R7 Datasheet HTML 31Page - Analog Devices ADA4522-4ARUZ-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
Data Sheet
ADA4522-1/ADA4522-2/ADA4522-4
APPLICATIONS INFORMATION
analog.com
Rev. G | 28 of 33
SINGLE-SUPPLY INSTRUMENTATION
AMPLIFIER
The extremely low offset voltage and drift, high open-loop gain, high
common-mode rejection, and high power supply rejection of the
ADA4522-1/ADA4522-2/ADA4522-4 make them excellent op amp
choices as discrete, single-supply instrumentation amplifiers.
Figure 82 shows the classic 3-op-amp instrumentation amplifier us-
ing the ADA4522-1/ADA4522-2/ADA4522-4. The key to high CMRR
for the instrumentation amplifier are resistors that are well matched
for both the resistive ratio and relative drift. For true difference
amplification, matching of the resistor ratio is very important, where
R5/R2 = R6/R4. The resistors are important in determining the
performance over manufacturing tolerances, time, and temperature.
Assuming a perfect unity-gain difference amplifier with infinite com-
mon-mode rejection, a 1% tolerance resistor matching results in
only 34 dB of common-mode rejection. Therefore, at least 0.01% or
better resistors are recommended.
Figure 82. Discrete 3-Op-Amp Instrumentation Amplifier
To build a discrete instrumentation amplifier with external resistors
without compromising on noise, pay close attention to the resistor
values chosen. RG1 and RG2 each have thermal noise that is
amplified by the total noise gain of the instrumentation amplifier
and, therefore, a sufficiently low value must be chosen to reduce
thermal noise contribution at the output while still providing an
accurate measurement. Table 10 shows the external resistors noise
contribution referred to the output (RTO).
Table 10. Thermal Noise Contribution Example
Resistor
Value (kΩ)
Resistor Thermal Noise
(nV/√Hz)
Thermal Noise RTO
(nV/√Hz)
RG1
0.4
2.57
128.30
RG2
0.4
2.57
128.30
R1
10
12.83
25.66
R2
10
12.83
25.66
R3
10
12.83
25.66
R4
10
12.83
25.66
R5
20
18.14
18.14
R6
20
18.14
18.14
Note that A1 and A2 have a high gain of 1 + R1/RG1. Therefore,
use a high precision, low offset voltage and low noise amplifier
for A1 and A2, such as the ADA4522-1/ADA4522-2/ADA4522-4.
Conversely, A3 operates at a much lower gain and has a different
set of op amp requirements. Its input noise, referred to the overall
instrumentation amplifier input, is divided by the first stage gain
and is not as important. Note that the input offset voltage and the
input voltage noise of the amplifiers are also amplified by the overall
noise gain.
Any unused channel of the ADA4522-1/ADA4522-2/ADA4522-4
must be configured in unity gain with the input common-mode
voltage tied to the midpoint of the power supplies.
Understanding how noise impacts a discrete instrumentation am-
plifier or a difference amplifier (the second stage of a 3-op-amp
instrumentation amplifier) is important, because they are commonly
used in many different applications. The Load Cell/Strain Gage
Sensor Signal Conditioning Using the ADA4522-2 section and
the Precision Low-Side Current Shunt Sensor section show the
ADA4522-1/ADA4522-2/ADA4522-4 used as a discrete instrumen-
tation or difference amplifier in an application.
LOAD CELL/STRAIN GAGE SENSOR SIGNAL
CONDITIONING USING THE ADA4522-2
The ADA4522-2, with its ultralow offset, drift, and noise, is well
suited to signal condition a low level sensor output with high gain
and accuracy. A weigh scale/load cell is an example of an applica-
tion with such requirements. Figure 83 shows a configuration for
a single-supply, precision, weigh scale measurement system. The
ADA4522-2 is used at the front end for amplification of the low level
signal from the load cell.
Current flowing through a PCB trace produces an IR voltage drop;
with longer traces, this voltage drop can be several millivolts or
more, introducing a considerable error. A 1 inch long, 0.005 inch
wide trace of 1 oz copper has a resistance of approximately 100
mΩ at room temperature. With a load current of 10 mA, the
resistance can introduce a 1 mV error.
Therefore, a 6-wire load cell is used in the circuit. The load cell
has two sense pins, in addition to excitation, ground, and two
output connections. The sense pins are connected to the high side
(excitation pin) and low side (ground pin) of the Wheatstone bridge.
The voltage across the bridge can then be accurately measured
regardless of voltage drop due to wire resistance. The two sense
pins are also connected to the analog-to-digital converter (ADC)
reference inputs for a ratiometric configuration that is immune to
low frequency changes in the power supply excitation voltage.
The ADA4522-2 is configured as the first stage of a 3-op-amp
instrumentation amplifier to amplify the low level amplitude signal
from the load cell by a factor of 1 + 2R1/RG. Capacitors C1 and
C2 are placed in the feedback loops of the amplifiers and interact
with R1 and R2 to perform low-pass filtering. This filtering limits the
amount of noise entering the Σ-Δ ADC. In addition, C3, C4, C5, R3,
and R4 provide further common-mode and differential mode filtering
to reduce noise and unwanted signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com