Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9814 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA9814
Description  Multistandard VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9814 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA9814 Datasheet HTML 9Page - NXP Semiconductors TDA9814 Datasheet HTML 10Page - NXP Semiconductors TDA9814 Datasheet HTML 11Page - NXP Semiconductors TDA9814 Datasheet HTML 12Page - NXP Semiconductors TDA9814 Datasheet HTML 13Page - NXP Semiconductors TDA9814 Datasheet HTML 14Page - NXP Semiconductors TDA9814 Datasheet HTML 15Page - NXP Semiconductors TDA9814 Datasheet HTML 16Page - NXP Semiconductors TDA9814 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
1998 Feb 09
13
Philips Semiconductors
Product specification
Multistandard VIF-PLL with QSS-IF
and dual FM-PLL/AM demodulator
TDA9814T
∆VTOP,16/∆T
variation of takeover point by
temperature
I16 = 0.4 mA
−
0.03
0.07
dB/K
I16(sink)
sink current
see Fig.3
no tuner gain reduction;
V16 = 13.2 V
−−
1
µA
maximum tuner gain
reduction
1.5
2
2.6
mA
∆G
IF
IF slip by automatic gain
control
tuner gain current from
20 to 80%
−
68
dB
AFC circuit (pin 20); see Fig.7 and note 13
S
control steepness
∆I20/∆f
note 14
0.5
0.75
1.0
µA/kHz
∆f
IF/∆T
frequency variation by
temperature
IAFC = 0; note 5
−−±20 × 10−6 K−1
Vo,20
output voltage upper limit
see Fig.7 without external
components
VP − 0.6 VP − 0.3 −
V
output voltage lower limit
−
0.3
0.6
V
Io,20(source)
output source current
see Fig.7
150
200
250
µA
Io,20(sink)
output sink current
150
200
250
µA
∆I
20(p-p)
residual video modulation
current (peak-to-peak value)
B/G and L standard
−
20
30
µA
Sound IF amplifier (pins 27 and 28)
Vi SIF(rms)
input signal voltage
sensitivity (RMS value)
FM mode;
−3 dB at
intercarrier output pin 17
−
30
70
µV
AM mode;
−3 dB at
AF output pin 10
−
70
100
µV
Vi max(rms)
maximum input signal
voltage (RMS value)
FM mode; +1 dB at
intercarrier output pin 17
50
70
−
mV
AM mode; +1 dB at
AF output pin 10
80
140
−
mV
GSIFcr
SIF gain control range
FM and AM mode; see Fig.4
60
67
−
dB
Ri(diff)
differential input resistance
note 2
1.7
2.2
2.7
k
Ω
Ci(diff)
differential input capacitance note 2
1.2
1.7
2.5
pF
VI(27,28)
DC input voltage
−
3.4
−
V
α
ct(SIF,VIF)
crosstalk attenuation
between SIF and VIF input
between pins 1 and 2 and
pins 27 and 28; note 15
50
−−
dB
SIF-AGC detector (pin 6)
I6
charging current
FM mode
8
12
16
µA
AM mode
0.8
1.2
1.6
µA
discharging current
FM mode
8
12
16
µA
normal mode AM
1
1.4
1.8
µA
fast mode AM
60
85
110
µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com