Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISUM6021 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # ISUM6021
Description  Ultrafast Recovery Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISUM6021 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ISUM6021 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISUM6021 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISUM6021 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ISUM6021
Ultrafast Recovery Diode
www.iscsemi.com
2
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
Per diode
0.55
0.35
℃
/W
Tota
ELECTRICAL CHARACTERISTICS(Ta=25℃)
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
VF
Maximum Instantaneous Forward Voltage
IF=100A ;
Tj= 25℃
IF=100A ;
Tj= 125℃
1.2
0.95
V
IR
Maximum Instantaneous Reverse Current
VR= VRWM;
Tj=25℃
VR= VRWM;
Tj=125℃
0.2
2
mA
trr
Maximum Reverse Recovery Time
IF=1A; diF/dt= -50A/us
70
ns
Package Dimensions (UNIT: MM):



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com