Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF840AL Datasheet(PDF) 2 Page - International Rectifier

Part # IRF840AL
Description  SMPS MOSFET HEXFET짰 Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF840AL Datasheet(HTML) 2 Page - International Rectifier

  IRF840AL Datasheet HTML 1Page - International Rectifier IRF840AL Datasheet HTML 2Page - International Rectifier IRF840AL Datasheet HTML 3Page - International Rectifier IRF840AL Datasheet HTML 4Page - International Rectifier IRF840AL Datasheet HTML 5Page - International Rectifier IRF840AL Datasheet HTML 6Page - International Rectifier IRF840AL Datasheet HTML 7Page - International Rectifier IRF840AL Datasheet HTML 8Page - International Rectifier IRF840AL Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRF840AS/LPbF
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
gfs
Forward Transconductance
3.7
–––
–––
S
VDS = 50V, ID = 4.8A
Qg
Total Gate Charge
–––
–––
38
ID = 8.0A
Qgs
Gate-to-Source Charge
–––
–––
9.0
nC
VDS = 400V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
18
VGS = 10V, See Fig. 6 and 13
„†
td(on)
Turn-On Delay Time
–––
11
–––
VDD = 250V
tr
Rise Time
–––
23
–––
ID = 8.0A
td(off)
Turn-Off Delay Time
–––
26
–––
RG = 9.1Ω
tf
Fall Time
–––
19
–––
RD = 31Ω,See Fig. 10
„†
Ciss
Input Capacitance
––– 1018 –––
VGS = 0V
Coss
Output Capacitance
–––
155
–––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
8.0
–––
pF
ƒ = 1.0MHz, See Fig. 5
Coss
Output Capacitance
––– 1490 –––
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
Coss
Output Capacitance
–––
42
–––
VGS = 0V, VDS = 400V, ƒ = 1.0MHz
Coss eff.
Effective Output Capacitance
–––
56
–––
VGS = 0V, VDS = 0V to 480V
…†
Dynamic @ TJ = 25°C (unless otherwise specified)
ns
Parameter
Typ.
Max.
Units
EAS
Single Pulse Avalanche Energy
‚
–––
510
mJ
IAR
Avalanche Current

–––
8.0
A
EAR
Repetitive Avalanche Energy

–––
13
mJ
Avalanche Characteristics
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
2.0
V
TJ = 25°C, IS = 8.0A, VGS = 0V
„
trr
Reverse Recovery Time
–––
422 633
ns
TJ = 25°C, IF = 8.0A
Qrr
Reverse RecoveryCharge
–––
2.0
3.0
µC
di/dt = 100A/µs
„
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Diode Characteristics
8.0
32
A
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
500
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.58 –––
V/°C Reference to 25°C, ID = 1mA
†
RDS(on)
Static Drain-to-Source On-Resistance
–––
––– 0.85
Ω
VGS = 10V, ID = 4.8A
„
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
VDS = VGS, ID = 250µA
–––
–––
25
µA
VDS = 500V, VGS = 0V
–––
–––
250
VDS = 400V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 30V
Gate-to-Source Reverse Leakage
–––
––– -100
nA
VGS = -30V
Static @ TJ = 25°C (unless otherwise specified)
IGSS
IDSS
Drain-to-Source Leakage Current
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.0
°C/W
RθJA
Junction-to-Ambient ( PCB Mounted, steady-state)*
–––
40
Thermal Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com