Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8045ARDZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD8045ARDZ
Description  3 nV/√Hz, Ultralow Distortion, High Speed Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8045ARDZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8045ARDZ Datasheet HTML 10Page - Analog Devices AD8045ARDZ Datasheet HTML 11Page - Analog Devices AD8045ARDZ Datasheet HTML 12Page - Analog Devices AD8045ARDZ Datasheet HTML 13Page - Analog Devices AD8045ARDZ Datasheet HTML 14Page - Analog Devices AD8045ARDZ Datasheet HTML 15Page - Analog Devices AD8045ARDZ Datasheet HTML 16Page - Analog Devices AD8045ARDZ Datasheet HTML 17Page - Analog Devices AD8045ARDZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD8045
Data Sheet
Rev. C | Page 14 of 24
FREQUENCY (MHz)
1000
1
10
100
1000
100
10
1
0.1
0.01
G = +1
VS = ±5V
Figure 49. Output Impedance vs. Frequency
FREQUENCY (MHz)
10
5
20
30
40
50
48
46
44
42
40
38
34
32
36
30
G = +10
VS = ±5V
RL = 1kΩ
Figure 50. Third-Order Intercept vs. Frequency
NUMBER OF 150
Ω LOADS
10
1
0
0.25
0.20
0.15
0.10
0.05
0
–0.02
–0.04
–0.06
–0.08
–0.10
–0.14
–0.18
–0.12
–0.16
–0.20
GAIN
PHASE
G = +2
VS = ±5V
Figure 51. Differential Gain and Phase vs. Number of 150 Ω Loads
VOFFSET (µV)
900
–900
–600
–300
0
600
300
100
80
60
40
20
0
VS = ±5V
N = 450
X = 50
µV
σ = 180µV
Figure 52. VOS Distribution for VS = ±5 V
VOFFSET (µV)
1500
–300
0
300
600
900
1200
80
60
40
20
0
VS = +5V
N = 450
X = 540
µV
σ = 195µV
Figure 53. VOS Distribution for VS = +5 V
TEMPERATURE (°C)
125
–40
–25
–10
5
20
50
35
95
110
80
65
500
300
100
–100
–300
–500
–700
–900
–1100
VS = +5V
VS = ±5V
Figure 54. Offset Voltage vs. Temperature for Various Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com