Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8099ARDZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD8099ARDZ
Description  Ultralow Distortion, High Speed, 0.95 nV/√Hz Voltage Noise Op Amp
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8099ARDZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8099ARDZ Datasheet HTML 10Page - Analog Devices AD8099ARDZ Datasheet HTML 11Page - Analog Devices AD8099ARDZ Datasheet HTML 12Page - Analog Devices AD8099ARDZ Datasheet HTML 13Page - Analog Devices AD8099ARDZ Datasheet HTML 14Page - Analog Devices AD8099ARDZ Datasheet HTML 15Page - Analog Devices AD8099ARDZ Datasheet HTML 16Page - Analog Devices AD8099ARDZ Datasheet HTML 17Page - Analog Devices AD8099ARDZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
AD8099
Data Sheet
Rev. E | Page 14 of 26
TEMPERATURE (C)
125
–40
–25
–10
5
20
35
50
65
80
95
110
–200
400
200
100
300
0
–100
VS = 5V
VS = ±5V
Figure 53. Input Offset Voltage vs. Temperature
TEMPERATURE (C)
125
–40
–25
–10
5
20
35
50
65
80
95
110
–6.6
–5.4
–5.8
–6.0
–5.6
–6.2
–6.4
IB+, VS = ±5V
IB+, VS = 5V
IB–, VS = ±5V
IB–, VS = 5V
Figure 54. Input Bias Current vs. Temperature (DISABLE Pin Floating)
TEMPERATURE (C)
125
–40
–25
–10
–5
20
35
50
65
80
95
110
1.12
1.24
1.20
1.18
1.22
1.16
1.14
+VS – VOUT
VS = 5V
VS = ±5V
+VS – VOUT
–VS + VOUT
–VS + VOUT
Figure 55. Output Saturation Voltage vs. Temperature
TEMPERATURE (C)
125
–40
–25
–10
5
20
35
50
65
80
95
110
8
20
16
14
18
12
10
VS = 5V
VS = ±5V
Figure 56. Supply Current vs. Temperature
TEMPERATURE (C)
125
–40
–25
–10
5
20
35
50
65
80
95
110
–1.0
1.0
–0.2
–0.4
0
0.2
0.4
0.6
0.8
–0.6
–0.8
IB+, VS = 5V
IB+, VS = ±5V
IB–, VS = 5V
IB–, VS = ±5V
Figure 57. Input Bias Current vs. Temperature (DISABLE Pin = +VS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com