Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8099ACPZ-R2 Datasheet(PDF) 23 Page - Analog Devices

Part # AD8099ACPZ-R2
Description  Ultralow Distortion, High Speed, 0.95 nV/√Hz Voltage Noise Op Amp
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8099ACPZ-R2 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8099ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8099ACPZ-R2 Datasheet HTML 19Page - Analog Devices AD8099ACPZ-R2 Datasheet HTML 20Page - Analog Devices AD8099ACPZ-R2 Datasheet HTML 21Page - Analog Devices AD8099ACPZ-R2 Datasheet HTML 22Page - Analog Devices AD8099ACPZ-R2 Datasheet HTML 23Page - Analog Devices AD8099ACPZ-R2 Datasheet HTML 24Page - Analog Devices AD8099ACPZ-R2 Datasheet HTML 25Page - Analog Devices AD8099ACPZ-R2 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
Data Sheet
AD8099
Rev. E | Page 23 of 26
CIRCUIT CONSIDERATIONS
Optimizing the performance of the AD8099 requires attention
to detail in layout and signal routing of the board. Power supply
bypassing, parasitic capacitance, and component selection all
contribute to the overall performance of the amplifier. The
AD8099 features an exposed paddle on the backs of both the
LFCSP and SOIC packages. The exposed paddle provides a low
thermal resistive path to the ground plane. For best performance,
solder the exposed paddle to the ground plane.
PCB Layout
The compensation network is determined by the amplifier
gain requirements. For lower gains, the layout and component
placement are more critical. For higher gains, there are fewer
compensation components, which results in a less complex
layout.
Parasitics
The area surrounding the compensation pin is very sensitive to
parasitic capacitance. To realize the full gain bandwidth product
of the AD8099, there should be no trace connected to or within
close proximity of the external compensation pin for the lowest
possible capacitance. When compensation is required, the traces
to the compensation pin, the negative supply, and the interconnect
between components (CC, C1, and RC in Figure 59) should be
made as wide as possible to minimize inductance.
All ground and power planes under the pins of the AD8099
should be cleared of copper to prevent parasitic capacitance
between the input and output pins to ground. A single mount-
ing pad on a SOIC footprint can add as much as 0.2 pF of
capacitance to ground as a result of not clearing the ground or
power plane under the AD8099 pins. Parasitic capacitance can
cause peaking and instability, and should be minimized to
ensure proper operation.
The new pinout of the AD8099 reduces the distance between
the output and the inverting input of the amplifier. This helps
to minimize the parasitic inductance and capacitance of the
feedback path, which, in turn, reduces ringing and second
harmonic distortion.
Grounding
When possible, ground and power planes should be used. Ground
and power planes reduce the resistance and inductance of the
power supply feeds and ground returns. If multiple planes are
used, they should be stitched together with multiple vias. The
returns for the input, output terminations, bypass capacitors, and
RG should all be kept as close to the AD8099 as possible. Ground
vias should be placed at the very end of the component mounting
pad to provide a solid ground return. The output load ground and
the bypass capacitor grounds should be returned to a common
point on the ground plane to minimize parasitic inductance and
improve distortion performance. The AD8099 packages feature
an exposed paddle. For optimum performance, solder this
paddle to ground. For more information on PCB layout and
design considerations, refer to section 7-2 of the 2002 Analog
Devices Op Amp Applications book.
Power Supply Bypassing
The AD8099 power supply bypassing has been optimized
for each gain configuration as shown in Figure 60 through
Figure 66 in the Circuit Configurations section. The values
shown should be used when possible. Bypassing is critical for
stability, frequency response, distortion, and PSRR performance.
The 0.1 µF capacitors shown in Figure 60 through Figure 66
should be as close to the supply pins of the AD8099 as possible
and the electrolytic capacitors beside them.
Component Selection
Smaller components less than 1206 SMT case size, offer smaller
mounting pads, which have fewer parasitics and allow for a more
compact layout. It is critical for optimum performance that high
quality, tight tolerance (where critical), and low drift components
be used. For example, tight tolerance and low drift is critical in
the selection of the feedback capacitor used in Figure 60. The
feedback compensation capacitor in Figure 60 is 1.5 pF. This
capacitor should be specified with NPO material. NPO material
typically has a ±30 ppm/°C change over −55°C to +125°C
temperature range. For a 100°C change, this results in a 4.5 fF
change in capacitance, compared to an X7R material, which
results in a 0.23 pF change, a 15% change from the nominal value.
This can introduce excessive peaking, as shown in Figure 71.
DESIGN TOOLS AND TECHNICAL SUPPORT
Analog Devices is committed to the design process by providing
technical support and online design tools. Analog Devices
offers technical support via evaluation boards, sample ICs,
SPICE models, interactive evaluation tools, application notes,
phone and email support—all available at www.analog.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com