Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD810 Datasheet(PDF) 9 Page - Analog Devices

Part # AD810
Description  Low Power Video Op Amp with Disable
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD810 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD810 Datasheet HTML 5Page - Analog Devices AD810 Datasheet HTML 6Page - Analog Devices AD810 Datasheet HTML 7Page - Analog Devices AD810 Datasheet HTML 8Page - Analog Devices AD810 Datasheet HTML 9Page - Analog Devices AD810 Datasheet HTML 10Page - Analog Devices AD810 Datasheet HTML 11Page - Analog Devices AD810 Datasheet HTML 12Page - Analog Devices AD810 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Data Sheet
AD810
Rev. B | Page 9 of 22
–120
–100
–80
–60
–40
–130
–110
–90
–70
–50
–30
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VOUT = 2V p-p
RL = 100Ω
GAIN = +2
VS = ±5V
VS = ±15V
SECOND HARMONIC
THIRD HARMONIC
Figure 18. Harmonic Distortion vs. Frequency (RL = 100 Ω)
–8
–4
0
4
8
10
–10
–6
–2
2
6
0
40
80
120
160
200
20
60
100
140
180
SETTLING TIME (ns)
0.1%
0.1%
0.01%
0.01%
RF = RG = 1kΩ
RL = 400Ω
Figure 19. Output Swing (to 0 V) vs. Settling Time at Various Error Levels
0
10
20
30
40
50
60
70
80
10k
100k
1M
100M
10M
FREQUENCY (Hz)
RF = 715Ω
GAIN = +2
CURVES ARE FOR WORST CASE
CONDITION WHERE ONE SUPPLY
IS VARIED WHILE THE OTHER IS
HELD CONSTANT
VS = ±5V
VS = ±15V
Figure 20. Power Supply Rejection vs. Frequency
–120
–140
–100
–80
–60
–40
–130
–110
–90
–70
–50
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VS = ±15V
RL = 400Ω
GAIN = +2
VOUT = 20V p-p
VOUT = 2V p-p
SECOND HARMONIC
THIRD HARMONIC
Figure 21. Harmonic Distortion vs. Frequency (RL = 400 Ω)
300
500
700
900
1100
1200
200
400
600
800
1000
0
4
8
12
16
20
2
6
10
14
18
SUPPLY VOLTAGE (±V)
RL = 400Ω
GAIN = –10
GAIN = +10
GAIN = +2
Figure 22. Slew Rate vs. Supply Voltage
–4
–2
0
–5
–3
–1
1
1M
10M
1G
100M
0
–45
–90
–135
–180
–225
–270
FREQUENCY (Hz)
GAIN = +1
RL = 150Ω
VS = ±15V
VS = ±5V
VS = ±2.5V
VS = ±15V
VS = ±5V
VS = ±2.5V
PHASE
GAIN
Figure 23. Closed-Loop Gain and Phase Shift vs. Frequency, G= +1,
RF = 1 kΩ for ±15 V, 910 Ω for ±5 V and ±2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com