Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8008ARMZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD8008ARMZ
Description  Ultralow Distortion, High Speed Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8008ARMZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8008ARMZ Datasheet HTML 10Page - Analog Devices AD8008ARMZ Datasheet HTML 11Page - Analog Devices AD8008ARMZ Datasheet HTML 12Page - Analog Devices AD8008ARMZ Datasheet HTML 13Page - Analog Devices AD8008ARMZ Datasheet HTML 14Page - Analog Devices AD8008ARMZ Datasheet HTML 15Page - Analog Devices AD8008ARMZ Datasheet HTML 16Page - Analog Devices AD8008ARMZ Datasheet HTML 17Page - Analog Devices AD8008ARMZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD8007/AD8008
Rev. E | Page 14 of
20
0
100
200
TIME (ns)
INPUT (1V/DIV)
OUTPUT (2V/DIV)
300
400
500
G = +2
+VS
–VS
RL = 150Ω
RL = 1kΩ
Figure 48. Output Overdrive Recovery, RL = 1 kΩ, 150 Ω, VIN = ±2.5 V
0
TIME (ns)
5
10
15
20
2530
3540
45
G = +2
0.1
0
0.2
0.3
0.4
0.5
–0.1
–0.2
–0.3
–0.4
–0.5
18ns
Figure 49. 0.1% Settling Time, 2 V Step
RL (Ω)
–1
200
0
3
2
1
0
4
400
600
–2
–3
–4
800
1000
G = +10
VS = ±5V
VIN = ±0.75V
Figure 50. VOUT Swing vs. RL, VS = ±5 V, G = +10, VIN = ±0.75 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com