Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD810ARZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD810ARZ
Description  Low Power Video Op Amp with Disable
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD810ARZ Datasheet(HTML) 3 Page - Analog Devices

  AD810ARZ Datasheet HTML 1Page - Analog Devices AD810ARZ Datasheet HTML 2Page - Analog Devices AD810ARZ Datasheet HTML 3Page - Analog Devices AD810ARZ Datasheet HTML 4Page - Analog Devices AD810ARZ Datasheet HTML 5Page - Analog Devices AD810ARZ Datasheet HTML 6Page - Analog Devices AD810ARZ Datasheet HTML 7Page - Analog Devices AD810ARZ Datasheet HTML 8Page - Analog Devices AD810ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Data Sheet
AD810
Rev. B | Page 3 of 22
SPECIFICATIONS
TA = 25°C, supply voltage (VS) = ±15 V dc, load resistance (RL) = 150 Ω, unless otherwise noted.
Table 1.
AD810A
5962-9313201MPA1
Parameter
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
G = +2, feedback resistor (RF) =
715 Ω, VS = ±5 V
40
50
40
50
MHz
G = +2, RF = 715 Ω, VS = ±15 V
55
75
55
75
MHz
G = +1, RF = 1000 Ω, VS = ±15 V
40
80
40
80
MHz
G = +10, RF = 270 Ω, VS = ±15 V
50
65
50
65
MHz
0.1 dB Bandwidth
G = +2, RF = 715 Ω, VS = ±5 V
13
22
13
22
MHz
G = +2, RF = 715 Ω, VS = ±15 V
15
30
15
30
MHz
Full Power Bandwidth
Output voltage (VOUT) = 20 V p-p
RL = 400 Ω
16
8
16
MHz
Slew Rate2
RL = 150 Ω, VS = ±5 V
350
175
350
V/µs
RL = 400 Ω, VS = ±15 V
1000
500
1000
V/µs
Settling Time to 0.1%
10 V step, G = −1
50
50
ns
Settling Time to 0.01%
10 V step, G = −1
125
125
ns
Differential Gain
f = 3.58 MHz, VS = ±15 V
0.02
0.05
0.02
0.05
%
f = 3.58 MHz, VS = ±5 V
0.04
0.07
0.04
0.07
%
Differential Phase
f = 3.58 MHz, VS = ±15 V
0.04
0.07
0.04
0.07
Degrees
f = 3.58 MHz, VS = ±5 V
0.045
0.08
0.045
0.08
Degrees
Total Harmonic
Distortion
f = 10 MHz, VOUT = 2 V p-p
RL = 400 Ω, G = +2
−61
−61
dBc
INPUT OFFSET VOLTAGE
VS = ±5 V and ±15 V
1.5
6
1.5
6
mV
TMIN to TMAX, VS = ±5 V and ±15 V
2
7.5
4
15
mV
Offset Voltage Drift
7
15
µV/°C
INPUT BIAS CURRENT
Negative Input
TMIN to TMAX, VS = ±5 V and ±15 V
0.7
5
0.8
5
µA
Positive Input
TMIN to TMAX, VS = ±5 V and ±15 V
2
7.5
2
10
µA
OPEN-LOOP
TRANSRESISTANCE
TMIN to TMAX
VOUT = ±10 V, RL = 400 Ω, VS = ±15 V
1.0
3.5
1.0
3.5
MΩ
VOUT = ±2.5 V, RL = 100 Ω, VS = ±5 V
0.3
1.2
0.2
1.0
MΩ
OPEN-LOOP DC VOLTAGE
GAIN
TMIN to TMAX
VOUT = ±10 V, RL = 400 Ω, VS = ±15 V
86
100
80
100
dB
VOUT = ±2.5 V, RL = 100 Ω, VS = ±5 V
76
88
72
88
dB
COMMON-MODE
REJECTION
TMIN to TMAX
Offset Voltage (VOS)
Common-mode voltage (VCM) = ±12 V,
VS = ±15 V
56
64
56
64
dB
VCM = ±2.5 V, VS = ±5 V
52
60
50
60
dB
Input Bias Current
TMIN to TMAX, VS = ±5 V and ±15 V
0.1
0.4
−0.4
0.1
+0.4
µA/V
POWER SUPPLY REJECTION
VOS
TMIN to TMAX, VS = ±4.5 V to ±18 V
65
72
60
72
dB
Input Bias Current
TMIN to TMAX
0.05
0.3
−0.3
0.05
+0.3
µA/V
INPUT VOLTAGE NOISE
f = 1 kHz, VS = ±5 V and ±15 V
2.9
2.9
nV/√Hz
INPUT CURRENT NOISE
Negative input current (–IIN),
f = 1 kHz, VS = ±5 V and ±15 V
13
13
pA/√Hz
Positive input current (+IIN), f = 1 kHz,
VS = ±5 V and ±15 V
1.5
1.5
pA/√Hz
INPUT COMMON-MODE
VOLTAGE RANGE
VS = ±5 V
±2.5
±3.0
±2.5
±3
V
VS = ±15 V
±12
±13
±12
±13
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com