Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8615AUJZ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8615AUJZ-R2
Description  Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8615AUJZ-R2 Datasheet(HTML) 4 Page - Analog Devices

  AD8615AUJZ-R2 Datasheet HTML 1Page - Analog Devices AD8615AUJZ-R2 Datasheet HTML 2Page - Analog Devices AD8615AUJZ-R2 Datasheet HTML 3Page - Analog Devices AD8615AUJZ-R2 Datasheet HTML 4Page - Analog Devices AD8615AUJZ-R2 Datasheet HTML 5Page - Analog Devices AD8615AUJZ-R2 Datasheet HTML 6Page - Analog Devices AD8615AUJZ-R2 Datasheet HTML 7Page - Analog Devices AD8615AUJZ-R2 Datasheet HTML 8Page - Analog Devices AD8615AUJZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD8615/AD8616/AD8618
Data Sheet
VS = 2.7 V, VCM = VS/2, TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage, AD8616/AD8618
VOS
VS = 3.5 V at VCM = 0.5 V and 3.0 V
23
65
µV
Offset Voltage, AD8615
23
100
µV
VCM = 0 V to 2.7 V
80
500
µV
−40°C < TA < +125°C
800
µV
Offset Voltage Drift, AD8616/AD8618
∆VOS/∆T
−40°C < TA < +125°C
1.5
7
µV/°C
Offset Voltage Drift, AD8615
3
10
µV/°C
Input Bias Current
IB
0.2
1
pA
−40°C < TA < +85°C
50
pA
−40°C < TA < +125°C
550
pA
Input Offset Current
IOS
0.1
0.5
pA
−40°C < TA < +85°C
50
pA
−40°C < TA < +125°C
250
pA
Input Voltage Range
0
2.7
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 2.7 V
80
100
dB
Large Signal Voltage Gain
AVO
RL = 2 kΩ, VO = 0.5 V to 2.2 V
55
150
V/mV
Input Capacitance
CDIFF
2.5
pF
CCM
7.8
pF
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL = 1 mA
2.65
2.68
V
−40°C < TA < +125°C
2.6
V
Output Voltage Low
VOL
IL = 1 mA
11
25
mV
−40°C < TA < +125°C
30
mV
Output Current
IOUT
±50
mA
Closed-Loop Output Impedance
ZOUT
f = 1 MHz, AV = 1
3
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 2.7 V to 5.5 V
70
90
dB
Supply Current per Amplifier
ISY
VO = 0 V
1.7
2
mA
−40°C < TA < +125°C
2.5
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ
12
V/µs
Settling Time
tS
To 0.01%
<0.3
µs
Gain Bandwidth Product
GBP
23
MHz
Phase Margin
Øm
42
Degrees
NOISE PERFORMANCE
Peak-to-Peak Noise
en p-p
0.1 Hz to 10 Hz
2.1
µV
Voltage Noise Density
en
f = 1 kHz
10
nV/√Hz
f = 10 kHz
7
nV/√Hz
Current Noise Density
in
f = 1 kHz
0.05
pA/√Hz
Channel Separation
CS
f = 10 kHz
−115
dB
f = 100 kHz
−110
dB
Rev. G | Page 4 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com