Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8628 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8628
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8628 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8628 Datasheet HTML 12Page - Analog Devices AD8628 Datasheet HTML 13Page - Analog Devices AD8628 Datasheet HTML 14Page - Analog Devices AD8628 Datasheet HTML 15Page - Analog Devices AD8628 Datasheet HTML 16Page - Analog Devices AD8628 Datasheet HTML 17Page - Analog Devices AD8628 Datasheet HTML 18Page - Analog Devices AD8628 Datasheet HTML 19Page - Analog Devices AD8628 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Data Sheet
AD8628/AD8629/AD8630
FUNCTIONAL DESCRIPTION
analog.com
Rev. M | 16 of 21
voltage exceeds the supply voltage, these ESD diodes can become
forward-biased. Without current limiting, excessive amounts of cur-
rent could flow through these diodes, causing permanent damage
to the device. If inputs are subject to overvoltage, appropriate series
resistors should be inserted to limit the diode current to less than 5
mA maximum.
OUTPUT PHASE REVERSAL
Output phase reversal occurs in some amplifiers when the input
common-mode voltage range is exceeded. As common-mode volt-
age is moved outside the common-mode range, the outputs of
these amplifiers can suddenly jump in the opposite direction to the
supply rail. This is the result of the differential input pair shutting
down, causing a radical shifting of internal voltages that results in
the erratic output behavior.
The AD8628/AD8629/AD8630 amplifiers have been carefully de-
signed to prevent any output phase reversal, provided that both
inputs are maintained within the supply voltages. If one or both
inputs could exceed either supply voltage, a resistor should be
placed in series with the input to limit the current to less than 5 mA.
This ensures that the output does not reverse its phase.
OVERLOAD RECOVERY TIME
Many auto-zero amplifiers are plagued by a long overload recovery
time, often in ms, due to the complicated settling behavior of the
internal nulling loops after saturation of the outputs. The AD8628/
AD8629/AD8630 have been designed so that internal settling oc-
curs within two clock cycles after output saturation occurs. This
results in a much shorter recovery time, less than 10 µs, when
compared to other auto-zero amplifiers. The wide bandwidth of the
AD8628/AD8629/AD8630 enhances performance when the parts
are used to drive loads that inject transients into the outputs. This is
a common situation when an amplifier is used to drive the input of
switched capacitor ADCs.
Figure 56. Positive Input Overload Recovery for the AD8628
Figure 57. Positive Input Overload Recovery for Competitor A
Figure 58. Positive Input Overload Recovery for Competitor B
Figure 59. Negative Input Overload Recovery for the AD8628



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com