Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9819 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # TDA9819
Description  Multistandard vision and sound-IF PLL with DVB-IF processing
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9819 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button TDA9819 Datasheet HTML 22Page - NXP Semiconductors TDA9819 Datasheet HTML 23Page - NXP Semiconductors TDA9819 Datasheet HTML 24Page - NXP Semiconductors TDA9819 Datasheet HTML 25Page - NXP Semiconductors TDA9819 Datasheet HTML 26Page - NXP Semiconductors TDA9819 Datasheet HTML 27Page - NXP Semiconductors TDA9819 Datasheet HTML 28Page - NXP Semiconductors TDA9819 Datasheet HTML 29Page - NXP Semiconductors TDA9819 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
MBH353
1
2
5
4
3
1:1
50
Ω
VIF
input A
1
2
5
4
3
1:1
50
Ω
SIF
input
1
2
5
4
3
1:1
50
Ω
DVB
input B
CBL
100
nF
22
k
Ω
330
Ω
22
k
Ω
2.2
µF
220
nF
10
µF
VP
VP
standard
switch
VCO
adjust
SIF
AGC
CVBS
BC547
AFOUT
AFC
CAF
AFde-emphasis
(2) C
D
DVB
AGCexternal
DVB
AGCadjust
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
17
18
19
20
21
22
23
24
25
C7
L
(3)
TDA9819
26
27
GND
VIF/DVB
input switch
VIF
AGC
Cref
2.2
µF
2.2
µF
28
29
30
31
32
VCOcontrol
loop
filter
TOP
220
Ω
CVBS
75
Ω
22 k
Ω
100 nF
10 nF
VP
22 k
Ω
330
Ω
560
Ω
tuner
AGC
DVBOUT
4.5/5.5
MHz
video
output
QSS
output
5.6
k
Ω
10
nF
AF
mute
Rx
(1)
22
µF
2.2
k
Ω
Fig.12 Test circuit.
(1) See note 20 in Chapter “Characteristics”.
(2) CD = 22 nF for 50 µs de-emphasis; CD = 33 nF for 75 µs de-emphasis.
(3) See Table 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com