Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP191 Datasheet(PDF) 16 Page - Analog Devices

Part # OP191
Description  Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP191 Datasheet(HTML) 16 Page - Analog Devices

Back Button OP191 Datasheet HTML 12Page - Analog Devices OP191 Datasheet HTML 13Page - Analog Devices OP191 Datasheet HTML 14Page - Analog Devices OP191 Datasheet HTML 15Page - Analog Devices OP191 Datasheet HTML 16Page - Analog Devices OP191 Datasheet HTML 17Page - Analog Devices OP191 Datasheet HTML 18Page - Analog Devices OP191 Datasheet HTML 19Page - Analog Devices OP191 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
OP191/OP291/OP491
Rev. E | Page 16 of 24
TEMPERATURE (°C)
115
90
125
105
95
25
100
–40
110
85
OP491
OP291
VS = ±5V
Figure 55. OP291/OP491 PSRR vs. Temperature, VS = ±5 V
TEMPERATURE (°C)
125
25
–40
85
VS =±5V
0.7
0
0.6
0.5
0.4
0.3
0.2
0.1
+SR
–SR
Figure 56. Slew Rate vs. Temperature, VS = ±5 V
FREQUENCY (Hz)
1k
0.1
1
10
100
1k
10k
100k
1M
2M
VS = 3V
AV = +100
AV = +10
AV = +1
Figure 57. Output Impedance vs. Frequency
FREQUENCY (Hz)
1k
10
10
100
1k
10k
100
Figure 58. Voltage Noise Density, VS = 3 V
100mV
500mV
1.00V
2.00µs
INPUT
OUTPUT
V S =3V
R L = 200kΩ
10
0%
90
100
Figure 59. Large Signal Transient Response, VS = 3 V
100mV
1.00V
2.00V
INPUT
OUTPUT
2.00µs
V S =±5V
R L = 200kΩ
A V =+1V/V
10
100
0%
90
Figure 60. Large Signal Transient Response, VS = ±5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com