Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8629WARZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8629WARZ-R7
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8629WARZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8629WARZ-R7 Datasheet HTML 1Page - Analog Devices AD8629WARZ-R7 Datasheet HTML 2Page - Analog Devices AD8629WARZ-R7 Datasheet HTML 3Page - Analog Devices AD8629WARZ-R7 Datasheet HTML 4Page - Analog Devices AD8629WARZ-R7 Datasheet HTML 5Page - Analog Devices AD8629WARZ-R7 Datasheet HTML 6Page - Analog Devices AD8629WARZ-R7 Datasheet HTML 7Page - Analog Devices AD8629WARZ-R7 Datasheet HTML 8Page - Analog Devices AD8629WARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Data Sheet
AD8628/AD8629/AD8630
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. M
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Lowest auto-zero amplifier noise
►
Low offset voltage: 1 µV
►
Input offset drift: 0.002 µV/°C
►
Rail-to-rail input and output swing
►
5 V single-supply operation
►
High gain, CMRR, and PSRR: 130 dB
►
Very low input bias current: 100 pA maximum
►
Low supply current: 1.0 mA
►
Overload recovery time: 50 µs
►
No external components required
►
Qualified for automotive applications
APPLICATIONS
►
Automotive sensors
►
Pressure and position sensors
►
Strain gage amplifiers
►
Medical instrumentation
►
Thermocouple amplifiers
►
Precision current sensing
►
Photodiode amplifiers
PIN CONFIGURATIONS
Figure 1. 5-Lead TSOT (UJ-5) and 5-Lead SOT-23 (RJ-5)
Figure 2. 8-Lead SOIC_N (R-8)
Figure 3. 8-Lead SOIC_N (R-8) and 8-Lead MSOP (RM-8)
Figure 4. 14-Lead SOIC_N (R-14) and 14-Lead TSSOP (RU-14)
GENERAL DESCRIPTION
This amplifier has ultralow offset, drift, and bias current. The
AD8628/AD8629/AD8630 are wide bandwidth auto-zero amplifiers
featuring rail-to-rail input and output swing and low noise. Operation
is fully specified from 2.7 V to 5 V single supply (±1.35 V to ±2.5 V
dual supply).
The AD8628/AD8629/AD8630 provide benefits previously found on-
ly in expensive auto-zeroing or chopper-stabilized amplifiers. Using
Analog Devices, Inc., topology, these zero-drift amplifiers combine
low cost with high accuracy and low noise. No external capacitor is
required. In addition, the AD8628/AD8629/AD8630 greatly reduce
the digital switching noise found in most chopper-stabilized amplifi-
ers.
With an offset voltage of only 1 µV, drift of less than 0.005 μV/°C,
and noise of only 0.5 µV p-p (0.1 Hz to 10 Hz), the AD8628/
AD8629/AD8630 are suited for applications where error sources
cannot be tolerated. Position and pressure sensors, medical equip-
ment, and strain gage amplifiers benefit greatly from nearly zero
drift over their operating temperature range. Many systems can
take advantage of the rail-to-rail input and output swings provided
by the AD8628/AD8629/AD8630 to reduce input biasing complexity
and maximize SNR.
The AD8628/AD8629/AD8630 are specified for the extended indus-
trial temperature range (−40°C to +125°C). The AD8628 is available
in tiny 5-lead TSOT, 5-lead SOT-23, and 8-lead narrow SOIC plastic
packages. The AD8629 is available in the standard 8-lead narrow
SOIC and MSOP plastic packages. The AD8630 quad amplifier
is available in 14-lead narrow SOIC and 14-lead TSSOP plastic
packages. See the Ordering Guide section for automotive grades.


Similar Part No. - AD8629WARZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8629WARZ-R7 AD-AD8629WARZ-R7 Datasheet
449Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. I
AD8629WARZ-R7 AD-AD8629WARZ-R7 Datasheet
449Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. I
More results

Similar Description - AD8629WARZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8629 AD-AD8629 Datasheet
476Kb / 20P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
10/04-Data Sheet Changed from Rev. B to Rev. C
AD8628 AD-AD8628_05 Datasheet
410Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
5/05-Rev. D to Rev. E
AD8628 AD-AD8628_08 Datasheet
432Kb / 20P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. F
AD8571 AD-AD8571_07 Datasheet
519Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8629S AD-AD8629S Datasheet
138Kb / 8P
Zero-Drift, Single-Supply Rail-to-Rail Input/Output Operational Amplifier
Rev. C
AD8628 AD-AD8628 Datasheet
449Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. I
AD8628ART AD-AD8628ART Datasheet
449Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. I
AD8574 AD-AD8574_15 Datasheet
416Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8629S AD-AD8629S_17 Datasheet
151Kb / 9P
Zero-Drift, Single-Supply Rail-to-Rail Input/Output Operational Amplifier
27-Sep-2017
AD8629-EP AD-AD8629-EP Datasheet
252Kb / 8P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com