Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP191GSZ Datasheet(PDF) 24 Page - Analog Devices

Part # OP191GSZ
Description  Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP191GSZ Datasheet(HTML) 24 Page - Analog Devices

Back Button OP191GSZ Datasheet HTML 16Page - Analog Devices OP191GSZ Datasheet HTML 17Page - Analog Devices OP191GSZ Datasheet HTML 18Page - Analog Devices OP191GSZ Datasheet HTML 19Page - Analog Devices OP191GSZ Datasheet HTML 20Page - Analog Devices OP191GSZ Datasheet HTML 21Page - Analog Devices OP191GSZ Datasheet HTML 22Page - Analog Devices OP191GSZ Datasheet HTML 23Page - Analog Devices OP191GSZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
OP191/OP291/OP491
Rev. E | Page 24 of 24
COMPLIANT TO JEDEC STANDARDS MS-001
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
CORNER LEADS MAY BE CONFIGURED AS WHOLE OR HALF LEADS.
0.022 (0.56)
0.018 (0.46)
0.014 (0.36)
0.150 (3.81)
0.130 (3.30)
0.110 (2.79)
0.070 (1.78)
0.050 (1.27)
0.045 (1.14)
14
1
7
8
0.100 (2.54)
BSC
0.775 (19.69)
0.750 (19.05)
0.735 (18.67)
0.060 (1.52)
MAX
0.430 (10.92)
MAX
0.014 (0.36)
0.010 (0.25)
0.008 (0.20)
0.325 (8.26)
0.310 (7.87)
0.300 (7.62)
0.015 (0.38)
GAUGE
PLANE
0.210 (5.33)
MAX
SEATING
PLANE
0.015
(0.38)
MIN
0.005 (0.13)
MIN
0.280 (7.11)
0.250 (6.35)
0.240 (6.10)
0.195 (4.95)
0.130 (3.30)
0.115 (2.92)
Figure 77. 14-Lead Plastic Dual In-Line Package [PDIP]
(N-14)
Dimensions shown
s and (millimeters)
ORDERING GUIDE
Temperature Range
Package Description
Package Option
[P-Suffix]
in inche
Model1
OP191GS
−40°C to +125°C
8-Lead SOIC_N
R-8 [S-Suffix]
OP191GS-REEL
−40°C to +125°C
8-Lead SOIC_N
R-8 [S-Suffix]
OP191GS-REEL7
−40°C to +125°C
8-Lead SOIC_N
R-8 [S-Suffix]
OP191GSZ
−40°C to +125°C
8-Lead SOIC_N
R-8 [S-Suffix]
OP191GSZ-REEL
−40°C to +125°C
8-Lead SOIC_N
R-8 [S-Suffix]
OP191GSZ-REEL7
−40°C to +125°C
8-Lead SOIC_N
R-8 [S-Suffix]
OP291GS
−40°C to +125°C
8-Lead SOIC_N
R-8 [S-Suffix]
OP291GS-REEL
−40°C to +125°C
8-Lead SOIC_N
R-8 [S-Suffix]
OP291GS-REEL7
−40°C to +125°C
8-Lead SOIC_N
R-8 [S-Suffix]
OP291GSZ
−40°C to +125°C
8-Lead SOIC_N
R-8 [S-Suffix]
OP291GSZ-REEL
−40°C to +125°C
8-Lead SOIC_N
R-8 [S-Suffix]
OP291GSZ-REEL7
−40°C to +125°C
8-Lead SOIC_N
R-8 [S-Suffix]
OP491GP
−40°C to +125°C
14-Lead PDIP
N-14 [P-Suffix]
OP491GPZ
−40°C to +125°C
14-Lead PDIP
N-14 [P-Suffix]
OP491GRU-REEL
−40°C to +125°C
14-Lead TSSOP
RU-14
OP491GRUZ-REEL
−40°C to +125°C
14-Lead TSSOP
RU-14
OP491GS
−40°C to +125°C
14-Lead SOIC_N
R-14 [S-Suffix]
OP491GS-REEL
−40°C to +125°C
14-Lead SOIC_N
R-14 [S-Suffix]
OP491GS-REEL7
−40°C to +125°C
14-Lead SOIC_N
R-14 [S-Suffix]
OP491GSZ
−40°C to +125°C
14-Lead SOIC_N
R-14 [S-Suffix]
OP491GSZ-REEL
−40°C to +125°C
14-Lead SOIC_N
R-14 [S-Suffix]
OP491GSZ-REEL7
−40°C to +125°C
14-Lead SOIC_N
R-14 [S-Suffix]
1 Z = RoHS Compliant Part.
©1994–2010 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D00294-0-4/10(E)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com