Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLP3803 Datasheet(PDF) 2 Page - International Rectifier

Part # IRLP3803
Description  HEXFET짰 Power MOSFET(VDSS = 30V,RDS(on) = 0.006Ohm,ID = 120A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLP3803 Datasheet(HTML) 2 Page - International Rectifier

  IRLP3803 Datasheet HTML 1Page - International Rectifier IRLP3803 Datasheet HTML 2Page - International Rectifier IRLP3803 Datasheet HTML 3Page - International Rectifier IRLP3803 Datasheet HTML 4Page - International Rectifier IRLP3803 Datasheet HTML 5Page - International Rectifier IRLP3803 Datasheet HTML 6Page - International Rectifier IRLP3803 Datasheet HTML 7Page - International Rectifier IRLP3803 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRLP3803
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.052 –––
V/°C
Reference to 25°C, ID = 1mA
–––
––– 0.006
VGS = 10V, ID = 71A
–––
––– 0.011
VGS = 4.5V, ID = 59A
VGS(th)
Gate Threshold Voltage
1.0
–––
2.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
55
–––
–––
S
VDS = 25V, ID = 71A
–––
–––
25
VDS = 30V, VGS = 0V
–––
–––
250
VDS = 24V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = -20V
Qg
Total Gate Charge
–––
–––
140
ID = 71A
Qgs
Gate-to-Source Charge
–––
–––
41
nC
VDS = 24V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
78
VGS = 4.5V, See Fig. 6 and 13
td(on)
Turn-On Delay Time
–––
14
–––
VDD = 15V
tr
Rise Time
–––
230
–––
ID = 71A
td(off)
Turn-Off Delay Time
–––
29
–––
RG = 1.3Ω, VGS = 4.5V
tf
Fall Time
–––
35
–––
RD = 0.20Ω, See Fig. 10
Between lead,
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
–––
5000 –––
VGS = 0V
Coss
Output Capacitance
–––
1800 –––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
880
–––
ƒ = 1.0MHz, See Fig. 5
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
nA
IDSS
Drain-to-Source Leakage Current
RDS(on)
Static Drain-to-Source On-Resistance
IGSS
LD
Internal Drain Inductance
–––
5.0
–––
LS
Internal Source Inductance
–––
13
–––
ns
µA
nH
Ω
Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
Notes:
VDD = 15V, starting TJ = 25°C, L = 180µH
RG = 25Ω, IAS = 71A. (See Figure 12)
ISD ≤ 71A, di/dt ≤ 130A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
Pulse width
≤ 300µs; duty cycle ≤ 2%.
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 71A, VGS = 0V
trr
Reverse Recovery Time
–––
120
180
ns
TJ = 25°C, IF = 71A
Qrr
Reverse RecoveryCharge
–––
450
680
nC
di/dt = 100A/µs
Source-Drain Ratings and Characteristics
A
–––
–––
470
–––
––– 120
Caculated continuous current based on maximum allowable
junction temperature;for recommended current-handling of the
package refer to Design Tip # 93-4
Next Data Sheet
Index
Previous Datasheet
To Order



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com