Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMBD1201 Datasheet(PDF) 2 Page - GTM CORPORATION

Part # GMBD1201
Description  SURFACE MOUNT,SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GMBD1201 Datasheet(HTML) 2 Page - GTM CORPORATION

  GMBD1201 Datasheet HTML 1Page - GTM CORPORATION GMBD1201 Datasheet HTML 2Page - GTM CORPORATION GMBD1201 Datasheet HTML 3Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/3
ISSUED DATE :2005/07/01
REVISED DATE :
Characteristics Curve
Fig 1. Reverse Voltage vs. Reverse Current
BV - 1.0 to 100uA
Fig 2. Reverse Current vs. Reverse Voltage
IR - 10 to 100V
Fig 3. Forward Voltage vs. Forward Current
VF - 1.0 to 100uA
Fig 4. Forward Voltage vs. Forward Current
VF - 0.1 to 10mA
Fig 5. Forward Voltage vs. Forward Current
VF - 10 to 800mA
Fig 6. Total Capacitance vs. Reverse Voltage
110
R
F



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com