Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9817TS Datasheet(PDF) 39 Page - NXP Semiconductors

Part # TDA9817TS
Description  Single/multistandard VIF/SIF-PLL and FM-PLL/AM demodulators
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9817TS Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button TDA9817TS Datasheet HTML 33Page - NXP Semiconductors TDA9817TS Datasheet HTML 34Page - NXP Semiconductors TDA9817TS Datasheet HTML 35Page - NXP Semiconductors TDA9817TS Datasheet HTML 36Page - NXP Semiconductors TDA9817TS Datasheet HTML 37Page - NXP Semiconductors TDA9817TS Datasheet HTML 38Page - NXP Semiconductors TDA9817TS Datasheet HTML 39Page - NXP Semiconductors TDA9817TS Datasheet HTML 40Page - NXP Semiconductors TDA9817TS Datasheet HTML 41Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
2004 Jun 29
39
Philips Semiconductors
Product specification
Single/multistandard VIF/SIF-PLL and
FM-PLL/AM demodulators
TDA9817; TDA9818
Suitability of IC packages for wave, reflow and dipping soldering methods
Notes
1. For more detailed information on the BGA packages refer to the
“(LF)BGA Application Note” (AN01026); order a copy
from your Philips Semiconductors sales office.
2. All surface mount (SMD) packages are moisture sensitive. Depending upon the moisture content, the maximum
temperature (with respect to time) and body size of the package, there is a risk that internal or external package
cracks may occur due to vaporization of the moisture in them (the so called popcorn effect). For details, refer to the
Drypack information in the
“Data Handbook IC26; Integrated Circuit Packages; Section: Packing Methods”.
3. For SDIP packages, the longitudinal axis must be parallel to the transport direction of the printed-circuit board.
4. Hot bar soldering or manual soldering is suitable for PMFP packages.
5. These transparent plastic packages are extremely sensitive to reflow soldering conditions and must on no account
be processed through more than one soldering cycle or subjected to infrared reflow soldering with peak temperature
exceeding 217
°C ± 10 °C measured in the atmosphere of the reflow oven. The package body peak temperature
must be kept as low as possible.
6. These packages are not suitable for wave soldering. On versions with the heatsink on the bottom side, the solder
cannot penetrate between the printed-circuit board and the heatsink. On versions with the heatsink on the top side,
the solder might be deposited on the heatsink surface.
7. If wave soldering is considered, then the package must be placed at a 45
° angle to the solder wave direction.
The package footprint must incorporate solder thieves downstream and at the side corners.
8. Wave soldering is suitable for LQFP, QFP and TQFP packages with a pitch (e) larger than 0.8 mm; it is definitely not
suitable for packages with a pitch (e) equal to or smaller than 0.65 mm.
9. Wave soldering is suitable for SSOP, TSSOP, VSO and VSSOP packages with a pitch (e) equal to or larger than
0.65 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.5 mm.
10. Hot bar or manual soldering is suitable for PMFP packages.
11. Image sensor packages in principle should not be soldered. They are mounted in sockets or delivered pre-mounted
on flex foil. However, the image sensor package can be mounted by the client on a flex foil by using a hot bar
soldering process. The appropriate soldering profile can be provided on request.
MOUNTING
PACKAGE(1)
SOLDERING METHOD
WAVE
REFLOW(2) DIPPING
Through-hole mount CPGA, HCPGA
suitable
−
suitable
DBS, DIP, HDIP, RDBS, SDIP, SIL
suitable(3)
−−
Through-hole-
surface mount
PMFP(4)
not suitable
not suitable
−
Surface mount
BGA, HTSSON..T(5), LBGA, LFBGA, SQFP,
SSOP-T(5), TFBGA, USON, VFBGA
not suitable
suitable
−
DHVQFN, HBCC, HBGA, HLQFP, HSO,
HSOP, HSQFP, HSSON, HTQFP, HTSSOP,
HVQFN, HVSON, SMS
not suitable(6)
suitable
−
PLCC(7), SO, SOJ
suitable
suitable
−
LQFP, QFP, TQFP
not recommended(7)(8) suitable
−
SSOP, TSSOP, VSO, VSSOP
not recommended(9)
suitable
−
CWQCCN..L(11), PMFP(10), WQCCN32L(11)
not suitable
not suitable
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com