Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLR3110ZPBF Datasheet(PDF) 1 Page - BYCHIP ELECTRONICS CO., LIMITED

Part # IRLR3110ZPBF
Description  N-Channel Super Trench Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED

IRLR3110ZPBF Datasheet(HTML) 1 Page - BYCHIP ELECTRONICS CO., LIMITED

  IRLR3110ZPBF Datasheet HTML 1Page - BYCHIP ELECTRONICS CO., LIMITED IRLR3110ZPBF Datasheet HTML 2Page - BYCHIP ELECTRONICS CO., LIMITED IRLR3110ZPBF Datasheet HTML 3Page - BYCHIP ELECTRONICS CO., LIMITED IRLR3110ZPBF Datasheet HTML 4Page - BYCHIP ELECTRONICS CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Parameter
Limit
Symbol
Unit
Drain-Source Voltage
VDS
100
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
ID
78
A
Drain Current-Continuous(TC=100℃)
D (100℃)
I
60
A
Pulsed Drain Current
IDM
320
A
Maximum Power Dissipation
PD
125
W
Derating factor
0.83
W/℃
Single pulse avalanche energy
(Note 5)
AS
E
320
mJ
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 175
℃
Thermal Characteristic
Thermal Resistance,Junction-to-Case
(Note 2)
RθJC
1.2
℃
/W
N-Channel Super Trench Power MOSFET
Features
 VDS=
100V, ID= 78 A
RDS(ON) <
9.0mΩ @ VGS = 10V
RDS(ON) <
12 mΩ @ VGS =4.5V
●
Advanced Trench Technology
●
Provide Excellent RDS(ON) and Low Gate
Charge
●
Lead Free and Green Available
100% UIS TESTED!
100% ΔVds TESTED!
General Features
www.bychip.cn
Pin Assignment
TO-252-2L Top View
Schematic Diagram
IRLR3110ZPBF
v1.0


Similar Part No. - IRLR3110ZPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR3110ZPBF IRF-IRLR3110ZPBF Datasheet
735Kb / 11P
AUTOMOTIVE MOSFET
IRLR3110ZPBF IRF-IRLR3110ZPBF Datasheet
322Kb / 11P
Advanced Process Technology
IRLR3110ZPBF IRF-IRLR3110ZPBF Datasheet
322Kb / 11P
Advanced Process Technology
logo
VBsemi Electronics Co.,...
IRLR3110ZPBF VBSEMI-IRLR3110ZPBF Datasheet
1Mb / 8P
N-Channel 100-V (D-S) MOSFET
logo
International Rectifier
IRLR3110ZPBF IRF-IRLR3110ZPBF_09 Datasheet
322Kb / 11P
Advanced Process Technology, Ultra Low On-Resistance, 175C Operating Temperature
More results

Similar Description - IRLR3110ZPBF

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM185N30DF RECTRON-RM185N30DF Datasheet
245Kb / 6P
N-Channel Super Trench Power MOSFET
logo
Shenzhen Foster Semicon...
FIR150N10PG FOSTER-FIR150N10PG Datasheet
1Mb / 7P
N-Channel Super Trench Power MOSFET
logo
Shenzhen Huazhimei Semi...
HMS20N15K HMSEMI-HMS20N15K Datasheet
500Kb / 7P
N-Channel Super Trench Power MOSFET
HMS4296B HMSEMI-HMS4296B Datasheet
489Kb / 6P
N-Channel Super Trench Power MOSFET
HMS150N06D HMSEMI-HMS150N06D Datasheet
596Kb / 7P
N-Channel Super Trench Power MOSFET
HMS110N15 HMSEMI-HMS110N15 Datasheet
527Kb / 7P
N-Channel Super Trench Power MOSFET
HMS65N03Q HMSEMI-HMS65N03Q Datasheet
524Kb / 5P
N-Channel Super Trench Power MOSFET
HMS80N15 HMSEMI-HMS80N15 Datasheet
615Kb / 6P
N-Channel Super Trench Power MOSFET
HMS4240 HMSEMI-HMS4240 Datasheet
733Kb / 7P
N-Channel Super Trench Power MOSFET
logo
Shanghai Leiditech Elec...
LMPC100N20 LEIDITECH-LMPC100N20 Datasheet
770Kb / 6P
N-Channel Super Trench Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com