Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMBTA13 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GMBTA13
Description  NPN EPITAXIAL SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GMBTA13 Datasheet(HTML) 1 Page - GTM CORPORATION

  GMBTA13 Datasheet HTML 1Page - GTM CORPORATION GMBTA13 Datasheet HTML 2Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CORPORATION
1/2
ISSUED DATE :2003/07/15
REVISED DATE :2006/05/09B
GM BTA13
N
N P
P N
N E
E P
P II T
T A
A X
X II A
A L
L S
S II L
L II C
C O
O N
N T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The GMBTA13 is designed for Darlington Amplifier Transistor.
Features
*High D.C. Current Gain
*Collector-Emitter Voltage VCES=30V
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.10
G
1.90 REF.
B
2.40
2.80
H
1.00
1.30
C
1.40
1.60
K
0.10
0.20
D
0.35
0.50
J
0.40
-
E
0
0.10
L
0.85
1.15
F
0.45
0.55
M
0°
10°
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
:
Storage Temperature
Tstg
-55 ~ +150
:
Collector to Base Voltage
VCBO
30
V
Collector to Emitter Voltage
VCES
30
V
Emitter to Base Voltage
VEBO
10
V
Thermal Resistance Junction to Ambient
R JA
556
/W
:
Thermal Resistance Junction to Case
R JC
170
/W
:
Collector Current
IC
500
mA
Total Power Dissipation
PD
225
mW
Electrical Characteristics (Ta = 25 : ,unless otherwise noted)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
30
-
-
V
IC=100uA ,IE=0
BVCES
30
-
-
V
IC=100uA ,VBE=0
BVEBO
10
-
-
V
IE=10uA ,IC=0
ICBO
-
-
100
nA
VCB=30V, IE = 0
IEBO
-
-
100
nA
VEB=10V, Ic = 0
*VCE(sat)
-
-
1.5
V
IC=100mA, IB=0.1mA
*VBE(on)
-
-
2.0
V
VCE=5V, IC=100mA
*hFE1
5k
-
-
VCE=5V, IC=10mA
*hFE2
10k
-
-
VCE=5V, IC=100mA
fT
125
-
-
MHz
VCE=5V, IC=10mA, f=100MHz
Cob
-
-
6
pF
VCB=10V, IE=0, f=1MHz
Pulse Test: Pulse Width 380us, Duty Cycle 2%


Similar Part No. - GMBTA13

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GMBTA13 ETL-GMBTA13 Datasheet
238Kb / 2P
The GMBTA13 is designed for Darlington Amplifier Transistor
More results

Similar Description - GMBTA13

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com