Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9845 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA9845
Description  TV and VTR stereo/dual sound processor with digital identification
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9845 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA9845 Datasheet HTML 4Page - NXP Semiconductors TDA9845 Datasheet HTML 5Page - NXP Semiconductors TDA9845 Datasheet HTML 6Page - NXP Semiconductors TDA9845 Datasheet HTML 7Page - NXP Semiconductors TDA9845 Datasheet HTML 8Page - NXP Semiconductors TDA9845 Datasheet HTML 9Page - NXP Semiconductors TDA9845 Datasheet HTML 10Page - NXP Semiconductors TDA9845 Datasheet HTML 11Page - NXP Semiconductors TDA9845 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1995 Mar 20
8
Philips Semiconductors
Preliminary specification
TV and VTR stereo/dual sound processor
with digital identification
TDA9845
CHARACTERISTICS
VP =5V; Tamb = +25 °C; nominal input signal Vi1,2 = 0.25 V RMS value (FM: 54% modulation is equivalent to
∆f= ±27 kHz); nominal input signal Vi1 = 0.5 V RMS value (AM: m = 0.54); nominal input signal Vi3 = 0.25 V RMS
value (AM: m = 0.54); nominal output signal Vo1,2 = 0.5 V RMS value; fAF = 1 kHz; Vi pil = 16 mV RMS value;
fpil = 54.6875 kHz (identification frequencies: stereo = 117.48 Hz, dual = 274.12 Hz), 50 µs pre-emphasis;
noise measurement in accordance with
“CCIR468-3”, working oscillator frequency fω = 10008 MHz;
currents into the IC positive; measured in test circuit Fig.5 unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage (pin 18)
4.5
5
8.8
V
IP
supply current (pin 18)
without LED current
12
13
16.5
mA
Ptot
total power dissipation
54
65
145.2
mW
Vn(DC)
DC voltage
(pins 8 to 13 and 17)
1
⁄2VP − 0.1 1⁄2VP
1
⁄2VP + 0.1 V
Vref(DC)
DC reference voltage (pin 7)
1
⁄2VP − 0.1 1⁄2VP
1
⁄2VP + 0.1 V
lL(DC)
DC leakage current (pin 7)
−−
±1
µA
AF Inputs; Vi1 and Vi2 (pins 8 and 9)
Vi(rms)
nominal input signal voltage
(RMS value)
54% modulation
B/G
−
0.25
−
V
L (only Vi1)
−
0.5
−
V
Vi(rms)
clipping voltage level
(RMS value)
THD
≤ 1.5%
VP = 5 V; B/G
0.625
0.715
−
V
VP = 8 V; B/G
1.050
1.200
−
V
VP = 5 V; L (only Vi1)
1.200
1.600
−
V
VP = 8 V; L (only Vi1)
2.100
2.356
−
V
Gv
AF signal voltage gain
G = Vo/Vi; note 1
B/G
56
7dB
L (only Vi1)
−1
0
+1
dB
Ri
input resistance
40
50
60
k
Ω
Rdeem
internal de-emphasis resistor
(pins 13 and 17)
see Fig.4
4.25
5.0
5.75
k
Ω
Additional AF input pin (pin 10)
Vi(rms)
nominal input signal voltage
(RMS value)
54% modulation
−
0.25
−
V
Vi(rms)
clipping voltage level
(RMS value)
THD
≤ 1.5%
VP = 5 V
0.625
0.715
−
V
VP =8V
1.050
1.200
V
Gv
AF signal voltage gain
G=Vo/Vi; note 1
56
7dB
Ri
input resistance
40
50
60
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com