Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS45-16IO1 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # CS45-16IO1
Description  Thyristor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

CS45-16IO1 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  CS45-16IO1 Datasheet HTML 1Page - Inchange Semiconductor Company Limited CS45-16IO1 Datasheet HTML 2Page - Inchange Semiconductor Company Limited CS45-16IO1 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
IST4038
eq CS45-16IO1
Thyristor
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
IRRM
Repetitive Peak Reverse Current
VR=VRRM, TVJ=25℃
--
--
50
uA
IDRM
Repetitive Peak Off-state Current
VD=VDRM, TVJ=25℃
--
--
50
uA
VTM
On-state Voltage
ITM= 45A
--
--
1.36
V
ITM= 90A
--
--
1.85
V
VTO
Threshold Voltage For Power-loss Calculations Only
--
--
0.88
V
rT
Slope Resistance For Power-loss Calculations Only
--
--
11
mΩ
IGT
Gate-trigger Current
VD=6V, TVJ=25℃
--
--
80
mA
VD=6V, TVJ=40℃
--
--
200
mA
VGT
Gate-trigger Voltage
VD=6V, TVJ=25℃
--
--
1.5
V
VD=6V, TVJ=40℃
--
--
1.6
V
IH
Holding current
VD=6V,TVJ=25℃
--
--
100
mA
Rth j-c
Thermal Resistance Junction to Case
--
--
0.4
℃
/W
Rth j-h
Thermal Resistance Case to Heatsink
--
0.3
--
℃
/W
PACKAGE OUTLINE(UNIT:mm)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com