Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IST4038 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # IST4038
Description  Thyristor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IST4038 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  IST4038 Datasheet HTML 1Page - Inchange Semiconductor Company Limited IST4038 Datasheet HTML 2Page - Inchange Semiconductor Company Limited IST4038 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IST4038
eq CS45-16IO1
Thyristor
www.iscsemi.com
1
FEATURES
· Thyristor for line frequency
· Planar passivated chip
· Long-term stability
APPLICATIONS
· Softstart AC motor control
· DC Motor control
· Power converter
· AC power control
· Lighting and temperature control
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSM
Forward Blocking Voltage
1700
V
VRRM
Repetitive peak reverse voltage
1600
V
ITAV
Average Forward Currentt TC=110℃
45
A
IRMS
RMS Forward Current TC=110℃ , 180°sine
71
A
ITSM
max. Forward Surge Current
t = 10ms; (50Hz), sine,TVJ=45℃
t = 8.3 ms; (60Hz), sine,VR= 0V
520
560
A
t = 10ms; (50Hz), sine,TVJ=150℃
t = 8.3 ms; (60Hz), sine,VR= 0V
440
475
A
I2t
Value For Fusing
t = 10ms; (50Hz), sine,TVJ=45℃
t = 8.3 ms; (60Hz), sine,VR= 0V
1.35
1.31
KA2S
t = 10ms; (50Hz), sine,TVJ=150℃
t = 8.3 ms; (60Hz), sine,VR= 0V
970
940
A2S
PGM
max. Gate Power Dissipation
t = 30us,TC=150℃
t = 300us
10
5
W
PGAVM
Average Gate Power
Dissipation
0.5
W
TVJ
Virtual Junction Temperature
-40 ~+150
℃
Top
Operation Temperature
-40 ~+125
℃
Tstg
Storage Temperature
-40 ~+150
℃


Similar Part No. - IST4038

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IST4034 ISC-IST4034 Datasheet
260Kb / 3P
Thyristors
IST4036 ISC-IST4036 Datasheet
318Kb / 3P
Thyristors
IST4037 ISC-IST4037 Datasheet
315Kb / 3P
Triac
More results

Similar Description - IST4038

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK.105 IRF-IRK.105 Datasheet
225Kb / 8P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKU71 IRF-IRKU71 Datasheet
175Kb / 9P
THYRISTOR/ THYRISTOR
IRKT91-14 IRF-IRKT91-14 Datasheet
240Kb / 10P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKL26-08 IRF-IRKL26-08 Datasheet
157Kb / 8P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKH142-12 IRF-IRKH142-12 Datasheet
391Kb / 12P
THYRISTOR/DIODE and THYRISTOR/THYRISTOR
IRKT430-20 IRF-IRKT430-20 Datasheet
103Kb / 8P
THYRISTOR / DIODE and THYRISTOR / THYRISTOR
logo
SanRex Corporation
SCA200AA SANREX-SCA200AA Datasheet
103Kb / 2P
Thyristor/Thyristor, Thyristor/Diode
logo
Vishay Siliconix
VS-VSK136PBF VISHAY-VS-VSK136PBF Datasheet
412Kb / 15P
Thyristor/Diode and Thyristor/Thyristor
11-Apr-14
VS-VSKT15204PBF VISHAY-VS-VSKT15204PBF Datasheet
213Kb / 10P
Thyristor/Thyristor
11-Apr-14
logo
NXP Semiconductors
BTH151S PHILIPS-BTH151S Datasheet
44Kb / 6P
Thyristor Thyristor
March 2001 Rev 1.001
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com