Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLA40IM800PC Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # DLA40IM800PC
Description  High Efficiency Standard Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

DLA40IM800PC Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  DLA40IM800PC Datasheet HTML 1Page - Inchange Semiconductor Company Limited DLA40IM800PC Datasheet HTML 2Page - Inchange Semiconductor Company Limited DLA40IM800PC Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISU6077
eq DLA40IM800PC
High Efficiency Standard Diode
www.iscsemi.com
1
FEATURES
· Very Low Leakage Current
· Very Low Forward Voltage Drop
· Improved Thermal Behaviour
APPLICATIONS
· Diode For Main Rectification
· Uninterruptible Power Supply (UPS)
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Recurrent Peak Reverse Voltage
800
V
VRSM
Non-repetitive Reverse Blocking Voltage
900
V
IFAV
Average Forward Rectified Current @TC=120℃
40
A
IFSM
max. Forward Surge Current
t = 10ms; (50 Hz), sine TJ= 45℃
300
A
t = 8.3ms; (60 Hz), sine VR = 0V
325
I2t
Value For Fusing
t = 10ms; (50 Hz), sine TJ= 45℃
450
A2S
t = 8.3ms; (60 Hz), sine VR = 0V
440
TJ
Junction Temperature
-55~175
℃
Tstg
Storage Temperature Range
-55~150
℃


Similar Part No. - DLA40IM800PC

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DLA40IM800PC IXYS-DLA40IM800PC Datasheet
142Kb / 5P
High Efficiency Standard Rectifier
More results

Similar Description - DLA40IM800PC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1302CT STMICROELECTRONICS-STTH1302CT Datasheet
112Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Aug-2002
STTH6002C STMICROELECTRONICS-STTH6002C Datasheet
62Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Feb-2004
STTH1002C STMICROELECTRONICS-STTH1002C Datasheet
114Kb / 8P
HIGH EFFICIENCY ULTRAFAST DIODE
Mar-2004
STTH2R06 STMICROELECTRONICS-STTH2R06 Datasheet
117Kb / 9P
HIGH EFFICIENCY ULTRAFAST DIODE
01-Jun-2005
BYT03-400 STMICROELECTRONICS-BYT03-400_01 Datasheet
49Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2001
logo
IXYS Corporation
DLA100B800LB IXYS-DLA100B800LB Datasheet
185Kb / 5P
High Efficiency Standard Rectifier
DLA5P800UC IXYS-DLA5P800UC Datasheet
216Kb / 5P
High Efficiency Standard Rectifier
DLA20IM800PC IXYS-DLA20IM800PC Datasheet
130Kb / 5P
High Efficiency Standard Rectifier
DLA40IM800PC IXYS-DLA40IM800PC Datasheet
142Kb / 5P
High Efficiency Standard Rectifier
DLA60I1200HA IXYS-DLA60I1200HA Datasheet
138Kb / 5P
High Efficiency Standard Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com