Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP4501 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GP4501
Description  N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GP4501 Datasheet(HTML) 1 Page - GTM CORPORATION

  GP4501 Datasheet HTML 1Page - GTM CORPORATION GP4501 Datasheet HTML 2Page - GTM CORPORATION GP4501 Datasheet HTML 3Page - GTM CORPORATION GP4501 Datasheet HTML 4Page - GTM CORPORATION GP4501 Datasheet HTML 5Page - GTM CORPORATION GP4501 Datasheet HTML 6Page - GTM CORPORATION GP4501 Datasheet HTML 7Page - GTM CORPORATION GP4501 Datasheet HTML 8Page - GTM CORPORATION GP4501 Datasheet HTML 9Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
GP4501
Page: 1/9
ISSUED DATE :2006/12/06
REVISED DATE :
G
G P
P 44550011
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Description
The GP4501 provide the designer with the best combination of fast switching, ruggedized device design, low
on-resistance and cost-effectiveness.
Features
*Simple Drive Requirement
*Lower On-resistance
*Fast Switching
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
-
0.5334
c1
0.203
0.279
A1
0.381
-
D
9.017
10.16
A2
2.921
4.953
E
6.096
7.112
b
0.356
0.559
E1
7.620
8.255
b1
0.356
0.508
e
2.540 BSC
b2
1.143
1.778
HE
-
10.92
b3
0.762
1.143
L
2.921
3.810
c
0.203
0.356
Absolute Maximum Ratings
Ratings
Parameter
Symbol
N-channel P-channel
Unit
Drain-Source Voltage
VDS
30
-30
V
Gate-Source Voltage
VGS
±20
±16
V
Continuous Drain Current3
ID @TA=25 :
7
-5.3
A
Continuous Drain Current3
ID @TA=70 :
5.8
-4.7
A
Pulsed Drain Current1
IDM
20
-20
A
Total Power Dissipation
PD @TA=25 :
2.0
W
Linear Derating Factor
0.016
W/ :
Operating Junction and Storage Temperature Range
Tj, Tstg
-55 ~ +150
:
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance Junction-ambient3
Max.
Rthj-a
62.5
/
: W
Pb Free Plating Product
N-CH BVDSS
30V
N-CH RDS(ON) 28m
N-CH ID
7A
P-CH BVDSS
-30V
N-CH RDS(ON) 50m
N-CH ID
-5.3A
SEATING PLANE
e
b
Z
Z
D
SECTION Z - Z
b
GAUGE PLANE
DIP-8


Similar Part No. - GP4501

ManufacturerPart #DatasheetDescription
logo
GUANGDONG MISUN TECHNOL...
GP4532F-600L FPE-GP4532F-600L Datasheet
302Kb / 1P
Common Mode Filter
GP4532S-171L FPE-GP4532S-171L Datasheet
487Kb / 1P
SMD PULSE TRANSFORMER
logo
GTM CORPORATION
GP4558 GTM-GP4558 Datasheet
206Kb / 4P
DUAL OPERATIONAL AMPLIFIER
logo
E-Tech Electronics LTD
GP4558 ETL-GP4558 Datasheet
209Kb / 4P
D U A L O P E R AT I O N A L A M P L I F I E R
logo
Mallory performance clu...
GP456 MALLORY-GP456 Datasheet
37Kb / 3P
Disc Ceramic Capacitors
More results

Similar Description - GP4501

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP4511GED A-POWER-AP4511GED Datasheet
120Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4506GEM A-POWER-AP4506GEM Datasheet
123Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4501GM A-POWER-AP4501GM Datasheet
212Kb / 8P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4506GEH-HF A-POWER-AP4506GEH-HF Datasheet
116Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
E-Tech Electronics LTD
GT2531 ETL-GT2531 Datasheet
394Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com