Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3913 Datasheet(PDF) 1 Page - Alpha Wire

Part # M3913
Description  10 (7/.0385) AWG Bare Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

M3913 Datasheet(HTML) 1 Page - Alpha Wire

  M3913 Datasheet HTML 1Page - Alpha Wire M3913 Datasheet HTML 2Page - Alpha Wire M3913 Datasheet HTML 3Page - Alpha Wire M3913 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. M3913
Construction
 
Diameters (In)
1) Component 1
12 X 1 COND
 
a) Conductor
10 (7/.0385) AWG Bare Copper
0.116
b) Insulation
0.022" Wall, Nom. PVC/ 0.005" Wall NYLON
0.170
(1) Color Code
Alpha Wire Color Code J
Cond Color
Cond Color
Cond Color
1
BLACK
5
YELLOW
9
ORANGE/BLACK
2
RED
6
BROWN
10
YELLOW/BLACK
3
BLUE
7
RED/BLACK 11
BROWN/BLACK
4
ORANGE 8
BLUE/BLACK12
BLACK/RED
2) Cable Assembly
12 Components Cabled
 
a) Twists:
1.1 Twists/foot (min)
 
b) Orientation:
Components to be arranged from OUTSIDE LAYER to
INSIDE LAYER
 
c) Core Wrap
Clear Mylar Tape, 25% Overlap, Min.
 
3) Jacket
0.083" Wall, Nom.,PVC
0.875 (0.915 Max.)
a) Color(s)
BLACK
b) Print
ALPHA WIRE-* P/N M3913 12C 10 AWG
EXXXXXX (UL) TYPE TC 600V 90C DRY 75C WET
SUN RES DIR BUR CE ROHS
* = Factory Code
Applicable Specifications
1) UL
TC
90°C Dry / 75°C Wet / 600 VRMS
 
SUN RES
 
 
DIRECT BURIAL
 
2) CE:
EU Low Voltage Directive 2014/35/EU


Similar Part No. - M3913

ManufacturerPart #DatasheetDescription
logo
Enercon Technologies Eu...
M391 ENERCON-M391 Datasheet
600Kb / 8P
AC/DC POWER SUPPLY
May 25, 2022
M391-102 ENERCON-M391-102 Datasheet
600Kb / 8P
AC/DC POWER SUPPLY
May 25, 2022
M391-103 ENERCON-M391-103 Datasheet
600Kb / 8P
AC/DC POWER SUPPLY
May 25, 2022
logo
Alpha Wire
M39109 ALPHAWIRE-M39109 Datasheet
407Kb / 4P
18 (19/30) AWG Tinned Copper
M39110 ALPHAWIRE-M39110 Datasheet
408Kb / 4P
16 (19/.0117) AWG Tinned Copper
More results

Similar Description - M3913

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
List of Unclassifed Man...
1344803 ETC2-1344803 Datasheet
109Kb / 4P
24 AWG Solid Bare Copper Conductors, Polyolefin Insulation
1345253 ETC2-1345253 Datasheet
101Kb / 3P
23 AWG Solid .023 bare copper or bare copper-covered steel conductor, polyethylene insulation
1345263 ETC2-1345263 Datasheet
106Kb / 4P
24 AWG Solid Bare Copper Conductors, Polyolefin Insulation
1346109 ETC2-1346109 Datasheet
99Kb / 3P
18 AWG bare copper conductor, foam polyethylene insulation
1347027 ETC2-1347027 Datasheet
102Kb / 3P
Series 6, 18 AWG solid .040 bare copper or bare copper-covered steel conductor
1348449 ETC2-1348449 Datasheet
108Kb / 4P
24 AWG Bonded-Pairs solid bare copper conductors
1349791 ETC2-1349791 Datasheet
102Kb / 4P
10 AWG solid .103 bare copper conductor, gas-injected foam HDPE insulation
1682749 ETC2-1682749 Datasheet
97Kb / 2P
24 AWG solid bare copper conductors, twisted pair, PVC insulation
1300SB ETC2-1300SB Datasheet
109Kb / 3P
24 AWG solid bare copper conductors, polypropylene insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com