Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9855 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA9855
Description  I2C-bus controlled BTSC stereo/SAP decoder and audio processor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9855 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA9855 Datasheet HTML 9Page - NXP Semiconductors TDA9855 Datasheet HTML 10Page - NXP Semiconductors TDA9855 Datasheet HTML 11Page - NXP Semiconductors TDA9855 Datasheet HTML 12Page - NXP Semiconductors TDA9855 Datasheet HTML 13Page - NXP Semiconductors TDA9855 Datasheet HTML 14Page - NXP Semiconductors TDA9855 Datasheet HTML 15Page - NXP Semiconductors TDA9855 Datasheet HTML 16Page - NXP Semiconductors TDA9855 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
1997 Nov 04
13
Philips Semiconductors
Product specification
I2C-bus controlled BTSC stereo/SAP
decoder and audio processor
TDA9855
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. Human body model: C = 100 pF; R = 1.5 k
Ω.
2. Charge device model: C = 200 pF; R = 0
Ω.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
0
9.5
V
Vn
voltage of all other pins with respect to pin
GND
0VCC
V
Tamb
operating ambient temperature
−20
+70
°C
Tstg
storage temperature
−65
+150
°C
Vesd
electrostatic handling
note 1
−2000
+2000
V
note 2
−300
+300
V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
SOT247-1
43
K/W
SOT188-2
38
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com