Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX13181E Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX13181E
Description  5.0V, 짹15kV ESD-Protected, Half-Duplex/Full-Duplex, RS-485 Transceiver in uDFN
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13181E Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX13181E Datasheet HTML 1Page - Maxim Integrated Products MAX13181E Datasheet HTML 2Page - Maxim Integrated Products MAX13181E Datasheet HTML 3Page - Maxim Integrated Products MAX13181E Datasheet HTML 4Page - Maxim Integrated Products MAX13181E Datasheet HTML 5Page - Maxim Integrated Products MAX13181E Datasheet HTML 6Page - Maxim Integrated Products MAX13181E Datasheet HTML 7Page - Maxim Integrated Products MAX13181E Datasheet HTML 8Page - Maxim Integrated Products MAX13181E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
+5.0V, ±15kV ESD-Protected, Half-Duplex/
Full-Duplex, RS-485 Transceiver in µDFN
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +5V ±10%, TA =TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V and TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND.)
Supply Voltage (VCC) ...............................................-0.3V to +6V
Control Voltage (RE, DE, DI, H/F).............................-0.3V to +6V
Driver Output Voltage (A, B, Y, Z) ..........................-8V to +12.5V
Receiver Input Voltage (A, B).................................-8V to +12.5V
Receiver Input Voltage Full-Duplex (A, B)..............-8V to +12.5V
Receiver Output Voltage (RO)................... -0.3V to (VCC + 0.3V)
Short-Circuit Duration (A, B, Y, Z) to GND .................Continuous
Continuous Power Dissipation (TA = +70°C)
10-Pin µDFN (derate 5mW/°C above +70°C ) .............403mW
14-Pin SO (derate 8.3mW/°C above +70°C )...............667mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DRIVER
RL = 100
Ω (RS422), Figure 1
2
VCC
V
RL = 54
Ω (RS485), Figure 1
1.5
VCC
Differential Driver Output
VOD
No load
VCC
V
Change in Magnitude of Differential
Output Voltage
ΔVOD
RL = 100
Ω or 54Ω, Figure 1, (Note 2)
0.2
V
Driver Common-Mode Output Voltage
VOC
RL = 100
Ω or 54Ω, Figure 1
VCC / 2
3
V
Change in Magnitude
of Common-Mode Voltage
ΔVOC
RL = 100
Ω or 54Ω, Figure 1, (Note 2)
0.2
V
Input-High Voltage
VIH
DE, DI, RE, H/F
2V
Input-Low Voltage
VIL
DE, DI, RE, H/F
0.8
V
Input Hysteresis
VHYS
DE, DI, RE, H/F
100
mV
Internal Pullup Resistance
RIN_UP
Internal pullup RE
125
400
k
Ω
Internal Pulldown Resistance
RIN_DWN
Internal pulldown DE, H/F
125
400
k
Ω
VIN = +12V
125
Output Leakage (Y and Z)
Full-Duplex
IO
DE = GND, VCC = GND or
5.5V
VIN = -7V
-100
µA
0
≤ VOUT ≤ 12V
40
250
Driver Short-Circuit Output Current
Threshold (Note 3)
IOSD
-7
≤ VOUT ≤ VCC
-250
-40
mA
(VCC - 1V)
≤ VOUT ≤ 12V
20
Driver Short-Circuit Foldback Output
Current (Note 3)
IOSDF
-7V
≤ VOUT ≤ 1V
-20
mA
Thermal-Shutdown Threshold
TTS
0
≤ VOUT ≤ 12V
140
°C
Thermal-Shutdown Hysteresis
TTSH
15
°C
VIN = +12V
125
Input Current (A and B)
IA, B
DE = GND, VCC = GND or
5.5V
VIN = -7V
-100
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com