Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2012Y Datasheet(PDF) 1 Page - Micro Electronics

Part # M2012Y
Description  HIGH BRIGHTNESS AMBER SURFACE LIGHTING
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

M2012Y Datasheet(HTML) 1 Page - Micro Electronics

  M2012Y Datasheet HTML 1Page - Micro Electronics M2012Y Datasheet HTML 2Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
M2012Y
HIGH BRIGHTNESS
AMBER
SURFACE LIGHTING
FEATURES:
GaAsP/GaP Amber Chip
Amber Diffused Lens
Low Power Requirements
Wide Viewing Angle
ABSOLUTE MAXIMUM RATINGS
Power dissipation/Chip
Pd
60mW
Continuous Forward Current/Chip
IF
20mA
Peak Forward Current/Chip
*IFP
100mA
(*Pulse Width = 1ms , Duty Ratio = 1/10)
Reverse Voltage
VR
5V
Operating Temperature Range
Topr
-20 to +80°C
Storage Temperature Range
Tstg
-25 to +85°C
Solder Temperature (1/16 Inch from body)
260℃
Maximum Soldering Time( ≤260°C)
5 sec
ELECTRO-OPTICAL CHARACTERISTICS
(Ta=25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS
Forward Voltage/Chip
VF
2.1
2.8
V
IF=20mA
Reverse Current/Chip
IR
100
μA
VR=5V
Peak Wavelength
λp
589
nm
IF=20mA
Dominant Wavelength
λd
590
nm
IF=20mA
Spectral Line Half Width
Δλ
35
nm
IF=20mA
Luminous Intensity
IV
515
mcd
IF=10mA/Chip
16/5/2005
Sheet 1 of 2
(Ta=25°C)
MICRO


Similar Part No. - M2012Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M2012 ETC1-M2012 Datasheet
495Kb / 10P
SUBMINATURE/MULTI-FUNCTION/UNBRACKETED
M2012 ETC2-M2012 Datasheet
343Kb / 10P
General Specifications
M2012 ETC2-M2012 Datasheet
1Mb / 12P
Miniature Toggles
logo
PETERMANN-TECHNIK
M2012 PETERMANN-M2012 Datasheet
606Kb / 3P
SMD-CRYSTAL SERIES
M2012-32.768kHz-±20ppm PETERMANN-M2012-32.768kHz-±20ppm Datasheet
606Kb / 3P
SMD-CRYSTAL SERIES
More results

Similar Description - M2012Y

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
M2012G MICRO-ELECTRONICS-M2012G Datasheet
80Kb / 2P
HIGH BRIGHTNESS STANDARD GREEN SURFACE LIGHTING
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-LM36 AVAGO-ALMD-LM36 Datasheet
628Kb / 11P
High Brightness SMT Oval LED Lamps Amber, Red, Green and Blue
logo
Broadcom Corporation.
AEMD-EG3K BOARDCOM-AEMD-EG3K Datasheet
1Mb / 14P
High Brightness Red and Amber SMT Round Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG1G-Y10DD AVAGO-HLMP-EG1G-Y10DD Datasheet
246Kb / 11P
T-1쩐 (5 mm) High Brightness AlInGaP Red and Amber LEDs
HLMP-EG1S-Z20DD AVAGO-HLMP-EG1S-Z20DD Datasheet
408Kb / 12P
T-1쩐 (5 mm) High Brightness AlInGaP Red and Amber LEDs
logo
Broadcom Corporation.
HLMP-EG1G-Y10DD BOARDCOM-HLMP-EG1G-Y10DD Datasheet
907Kb / 14P
T-1쩐 (5 mm) High Brightness AlInGaP Red and Amber LEDs
AEMD-LG3K BOARDCOM-AEMD-LG3K Datasheet
996Kb / 12P
High Brightness Red and Amber SMT Oval Lamps
ALMD-LG37 BOARDCOM-ALMD-LG37 Datasheet
710Kb / 12P
High Brightness SMT Oval LED Lamps Amber, Red, Green and Blue
ALMD-EL3E BOARDCOM-ALMD-EL3E Datasheet
655Kb / 12P
High Brightness SMT Round Red, Amber, Green and Blue LED Lamps
ALMD-EG1E BOARDCOM-ALMD-EG1E Datasheet
1Mb / 12P
High Brightness SMT Round Red, Amber LED Lamps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com