Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAMSS0060 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAAMSS0060
Description  Broadband CATV Amplifier 50 - 1000 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMSS0060 Datasheet(HTML) 2 Page - Tyco Electronics

  MAAMSS0060 Datasheet HTML 1Page - Tyco Electronics MAAMSS0060 Datasheet HTML 2Page - Tyco Electronics MAAMSS0060 Datasheet HTML 3Page - Tyco Electronics MAAMSS0060 Datasheet HTML 4Page - Tyco Electronics MAAMSS0060 Datasheet HTML 5Page - Tyco Electronics MAAMSS0060 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or
information contained herein without notice.
2
Broadband CATV Amplifier
50 - 1000 MHz
M/A-COM Products
Rev. V1
MAAMSS0060
ADVANCED:
Data Sheets contain information regarding a product M/A-COM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM has under develop-
ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has
been fixed. Engineering samples and/or test data may be available. Commitment to produce in
volume is not guaranteed.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
dB
15.8
17
17.8
Gain Flatness
dB
—
0.5
1.0
Noise Figure
dB
—
1.8
3.5
Input Return Loss
dB
—
20
—
Output Return Loss
dB
—
20
—
Output IP3
6 MHz Spacing, -10 dBm output per tone
dBm
—
37
—
Composite Triple Beat, CTB
132 channels, +30 dBmV / channel at the output.
dBc
—
-75
—
Composite Second Order, CSO
132 channels, +30 dBmV / channel at the output.
dBc
—
-60
—
P1dB
dBm
—
23
—
IDD
8 Volts
mA
—
120
140
17 dB Gain Configuration
Electrical Specifications: TA = 25°C, Freq: 50 - 1000 MHz, VDD = 8 Volts, Z0 = 75 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
dB
—
20
—
Gain Flatness
dB
—
1
—
Noise Figure
dB
—
1.6
—
Input Return Loss
dB
—
12
—
Output Return Loss
dB
—
12
—
Output IP3
6 MHz Spacing, -10 dBm output per tone
dBm
—
35
—
Composite Triple Beat, CTB
132 channels, +33 dBmV / channel at the output.
dBc
—
-66
—
Composite Second Order, CSO
132 channels, +33 dBmV / channel at the output.
dBc
—
-55
—
P1dB
dBm
—
21
—
IDD
8 Volts
mA
—
120
—
20 dB Gain Configuration
Typical Performance: TA = 25°C, Freq: 50 - 1000 MHz, VDD = 8 Volts, Z0 = 75 Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com