Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5960LECS+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5960LECS+
Description  Quad PCI Express, Hot-Plug Controllers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5960LECS+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5960LECS+ Datasheet HTML 1Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
General Description
The MAX5959/MAX5960 quad hot-plug controllers are
designed for PCI Express® (PCIe) applications. These
devices provide hot-plug control for the main 12V, 3.3V,
and 3.3V auxiliary supplies of four PCIe slots. The
MAX5959/MAX5960’s logic inputs/outputs allow interfac-
ing directly with the system hot-plug management con-
troller or through an SMBus™ with an external I/O
expander such as the MAX7313. An integrated
debounced attention switch and present-detect signals
simplify system design.
The MAX5959/MAX5960 drive eight external n-channel
MOSFETs to control the 12V and 3.3V main outputs. The
3.3V auxiliary outputs are controlled through 0.2Ω n-chan-
nel MOSFETs. Internal charge pumps provide the gate
drive for the 12V outputs while the gate drive of the 3.3V
output is driven by the 12V input supply clamped to 5.5V
above the respective 3.3V main supply rail. The 3.3V aux-
iliary outputs are completely independent from the main
outputs with their own charge pumps.
At power-up, the MAX5959/MAX5960 keep all of the
MOSFETs off until the supplies rise above their respective
undervoltage lockout (UVLO) thresholds. Upon a turn-on
command, the MAX5959/MAX5960 enhance the external
and internal MOSFETs slowly with a constant gate current
to limit the power-supply inrush current.
The MAX5959/MAX5960 actively limit the current to pro-
tect all outputs at all times and shutdown if an overcurrent
condition persists longer than the programmable overcur-
rent timeout. After an overcurrent or overtemperature fault
condition, the MAX5959L/MAX5960L latch off while the
MAX5959A/MAX5960A automatically restart after a restart
time delay. The MAX5959/MAX5960 are offered in latch-
off or auto-restart versions (see the
Selector Guide).
The MAX5959/MAX5960 are available in an 80-pin TQFP
package and operate over the -40°C to +85°C tempera-
ture range.
Applications
Servers
Desktop Mobile Server Platforms
Workstations
Features
o PCIe Compliant
o Hot Swap 12V, 3.3V, and 3.3V Auxiliary for 4
PCIe Slots
o Integrated Power MOSFETs for Auxiliary Supply
Rails
o Controls dI/dt and dV/dt
o Active Current-Limiting Protects Against
Overcurrent/Short-Circuit Conditions
o Programmable Current-Limit Timeout
o PWRGD Signal Outputs with Programmable
Power-On Reset (POR) (160ms Default)
o Latched FAULT Signal Output after Overcurrent
or Overtemperature Fault
o Attention Switch Inputs/Outputs with 4ms
Debounce
o Present-Detect Inputs
o Force-On Inputs Facilitate Testing/Debug
o Thermal Shutdown
o Allow Control through SMBus with an I/O
Expander
Quad PCI Express, Hot-Plug Controllers
________________________________________________________________
Maxim Integrated Products
1
PART
TEMP RANGE
PIN-
PACKAGE
PKG
CODE
MAX5959AECS+
-40°C to +85°C
80 TQFP
C80-1
MAX5959LECS+
-40°C to +85°C
80 TQFP
C80-1
MAX5960AECS+
-40°C to +85°C
80 TQFP
C80-1
MAX5960LECS+
-40°C to +85°C
80 TQFP
C80-1
PART
LATCH OFF
AUTO RESTART
GUARANTEED AUX CURRENT (mA)
MAX5959AECS+
√
375
MAX5959LECS+
√
375
MAX5960AECS+
√
550
MAX5960LECS+
√
550
Selector Guide
Ordering Information
19-XXXX; Rev 0; 7/07
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
+
Denotes lead-free package.
Pin Configuration and Typical Application Circuit appear at
end of data sheet.
PCI-Express is a registered trademark of PCI-SIG Corp. SMBus is a trademark of Intel Corp.


Similar Part No. - MAX5960LECS+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5960LEVCMAXQU MAXIM-MAX5960LEVCMAXQU Datasheet
1Mb / 24P
Demonstrates PCI Express x16 Quad Hot-Plug Design
Rev 0; 10/07
MAX5960LEVCMAXQU+ MAXIM-MAX5960LEVCMAXQU+ Datasheet
1Mb / 24P
Demonstrates PCI Express x16 Quad Hot-Plug Design
Rev 0; 10/07
MAX5960LEVKIT+ MAXIM-MAX5960LEVKIT+ Datasheet
1Mb / 24P
Demonstrates PCI Express x16 Quad Hot-Plug Design
Rev 0; 10/07
More results

Similar Description - MAX5960LECS+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5946 MAXIM-MAX5946 Datasheet
1,019Kb / 23P
Dual PCI Express, Hot-Plug Controller
Rev 0; 11/04
logo
Micrel Semiconductor
MIC2592B MICREL-MIC2592B Datasheet
1Mb / 31P
Dual-Slot PCI Express Hot-Plug Controller
logo
Maxim Integrated Produc...
MAX5954 MAXIM-MAX5954 Datasheet
1Mb / 22P
Single PCI Express, Hot-Plug Controller
Rev 1; 1/06
logo
Intersil Corporation
HIP1011D INTERSIL-HIP1011D_04 Datasheet
353Kb / 15P
Dual Slot PCI Hot Plug Controllers
November 18, 2004
logo
Maxim Integrated Produc...
MAX5957 MAXIM-MAX5957 Datasheet
634Kb / 25P
Triple PCI Express, Hot-Plug Controllers
Rev 0; 7/07
logo
Micrel Semiconductor
MIC2592B MICREL-MIC2592B_05 Datasheet
1Mb / 31P
Dual-Slot PCI Express Hot-Plug Controller
MIC2591B MICREL-MIC2591B_05 Datasheet
1Mb / 34P
Dual-Slot PCI Express Hot-Plug Controller
logo
Renesas Technology Corp
HIP1011D RENESAS-HIP1011D Datasheet
684Kb / 15P
Dual Slot PCI Hot Plug Controllers
ISL6112 RENESAS-ISL6112 Datasheet
1Mb / 30P
Dual Slot PCI-Express Hot Plug Controller
logo
Maxim Integrated Produc...
MAX5960LEVCMAXQU MAXIM-MAX5960LEVCMAXQU Datasheet
1Mb / 24P
Demonstrates PCI Express x16 Quad Hot-Plug Design
Rev 0; 10/07
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com