Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T56C64 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M41T56C64
Description  Serial Real Time Clock with 56 bytes of NVRAM64 Kbit (8192 bit x 8) EEPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T56C64 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M41T56C64 Datasheet HTML 7Page - STMicroelectronics M41T56C64 Datasheet HTML 8Page - STMicroelectronics M41T56C64 Datasheet HTML 9Page - STMicroelectronics M41T56C64 Datasheet HTML 10Page - STMicroelectronics M41T56C64 Datasheet HTML 11Page - STMicroelectronics M41T56C64 Datasheet HTML 12Page - STMicroelectronics M41T56C64 Datasheet HTML 13Page - STMicroelectronics M41T56C64 Datasheet HTML 14Page - STMicroelectronics M41T56C64 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
M41T56C64
DC and AC parameters
11/19
6
DC and AC parameters
This section summarizes the operating and measurement conditions, as well as the DC and
AC characteristics of the device. The parameters in the following DC and AC characteristic
tables are derived from tests performed under the measurement conditions listed in the
relevant tables. Designers should check that the operating conditions in their projects match
the measurement conditions when using the quoted parameters.
Figure 5.
AC measurement I/O waveform
Table 4. Operating and AC measurement conditions(1)
1.
Output Hi-Z is defined as the point where data is no longer driven.
Parameter
Value
Unit
Supply voltage (VCC)
4.5 to 5.5
V
Ambient operating temperature (TA)
–40 to 85
°C
Load capacitance (CL)
100
pF
Input rise and fall times
50 (max)
ns
Input pulse voltages
0.2VCC to 0.8VCC
V
Input and output timing ref. voltages
0.3VCC to 0.7VCC
V
AI02568
0.8VCC
0.2VCC
0.7VCC
0.3VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com