Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST85WMH6E Datasheet(PDF) 32 Page - STMicroelectronics

Part # M41ST85WMH6E
Description  3.0/3.3V I2C Combination Serial RTC, NVRAM Supervisor and Microprocessor Supervisor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST85WMH6E Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M41ST85WMH6E Datasheet HTML 26Page - STMicroelectronics M41ST85WMH6E Datasheet HTML 27Page - STMicroelectronics M41ST85WMH6E Datasheet HTML 28Page - STMicroelectronics M41ST85WMH6E Datasheet HTML 29Page - STMicroelectronics M41ST85WMH6E Datasheet HTML 30Page - STMicroelectronics M41ST85WMH6E Datasheet HTML 31Page - STMicroelectronics M41ST85WMH6E Datasheet HTML 32Page - STMicroelectronics M41ST85WMH6E Datasheet HTML 33Page - STMicroelectronics M41ST85WMH6E Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
M41ST85W
32/34
PART NUMBERING
Table 18. Ordering Information Scheme
Note: 1. The 28-pin SOIC package (SOH28) requires the SNAPHAT® battery/crystal package which is ordered separately under the part
number “M4TXX-BR12SHX” in plastic tube or “M4Txx-BR12SHXTR” in Tape & Reel form (see Table 19.).
2. The SOX28 package includes an embedded 32,768Hz crystal.
Caution: Do not place the SNAPHAT battery package “M4Txx-BR12SH” in conductive foam as it will drain the lithium button-cell bat-
tery.
For other options, or for more information on any aspect of this device, please contact the ST Sales Office
nearest you.
Table 19. SNAPHAT Battery/Crystal Table
Example:
M41ST
85W
MH
6
E
Device Type
M41ST
Supply Voltage and Write Protect Voltage
85W = VCC = 2.7 to 3.6V; 2.55V ≤ VPFD ≤ 2.70V
Package
MH(1) = SOH28
MX(2) = SOX28
Temperature Range
6 = –40 to 85°C
Shipping Method
For SOH28:
blank = Tubes (Not for New Design - Use E)
E = ECOPACK Package, Tubes
F = ECOPACK Package, Tape & Reel
TR = Tape & Reel (Not for New Design - Use F)
For SOX28:
blank = ECOPACK Package, Tubes
TR = ECOPACK Package, Tape & Reel
Part Number
Description
Package
M4T28-BR12SH
Lithium Battery (48mAh) and Crystal SNAPHAT Top
SH
M4T32-BR12SH
Lithium Battery (120mAh) and Crystal SNAPHAT Top
SH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com