Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9874A Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA9874A
Description  Digital TV sound demodulator/decoder
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9874A Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA9874A Datasheet HTML 17Page - NXP Semiconductors TDA9874A Datasheet HTML 18Page - NXP Semiconductors TDA9874A Datasheet HTML 19Page - NXP Semiconductors TDA9874A Datasheet HTML 20Page - NXP Semiconductors TDA9874A Datasheet HTML 21Page - NXP Semiconductors TDA9874A Datasheet HTML 22Page - NXP Semiconductors TDA9874A Datasheet HTML 23Page - NXP Semiconductors TDA9874A Datasheet HTML 24Page - NXP Semiconductors TDA9874A Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
1999 Dec 03
21
Philips Semiconductors
Preliminary specification
Digital TV sound demodulator/decoder
TDA9874A
toff(ident)
total identification time off
slow mode
−−
2s
medium mode
−−
1s
fast mode
−−
0.5
s
Mono and external inputs
Vi(nom)(rms)
nominal level input voltage
(RMS value)
note 1
−
500
−
mV
Vi(cl)(rms)
clipping level input voltage
(RMS value)
THD < 3%; note 5
1250
1400
−
mV
Ri
input resistance
note 5
28
35
42
k
Ω
Analog audio outputs
Vo(clip)(rms)
clipping level output voltage
(RMS value)
THD < 3%
1400
−−
mV
Ro
output resistance
150
250
375
Ω
RL(AC)
AC load resistor
10
−−
k
Ω
RL(DC)
DC load resistor
10
−−
k
Ω
Co(L)
output load capacitor
−
10
12
nF
Voffset(DC)
static DC offset voltage
−
30
70
mV
α
mute
mute suppression
nominal input signal from
any source; fi = 1 kHz;
note 1
80
−−
dB
Bline
bandwidth
from external and mono
source;
−3 dB bandwidth
20
−−
kHz
Gro
roll-off gain at 14.5 kHz
from any source
−3
−2
−
dB
PSRR
power supply ripple rejection
fripple = 70 Hz;
Vripple = 100 mV (peak);
CVref =47 µF; signal from
I2S-bus
40
45
−
dB
Audio performance
THD + N
total harmonic distortion plus
noise
Vin/out = 1 V (RMS);
fi = 1 kHz; bandwidth
20 Hz to 20 kHz; from
external/mono input to
output copy
−
0.1
0.3
%
S/N
signal-to-noise ratio
reference voltage
V0 = 1.4 V (RMS);
fi = 1 kHz; “CCIR468-2”;
quasi peak; from external or
mono input to output copy
78
90
−
dB
α
ct
crosstalk attenuation
between any analog input
pairs; fi = 1 kHz
70
−−
dB
αcs
channel separation
between left and right of
external input pair
65
−−
dB
between left and right of
output pair
60
−−
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com