Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1303B-CS2EMF Datasheet(PDF) 19 Page - Microchip Technology

Part # TC1303B-CS2EMF
Description  500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1303B-CS2EMF Datasheet(HTML) 19 Page - Microchip Technology

Back Button TC1303B-CS2EMF Datasheet HTML 15Page - Microchip Technology TC1303B-CS2EMF Datasheet HTML 16Page - Microchip Technology TC1303B-CS2EMF Datasheet HTML 17Page - Microchip Technology TC1303B-CS2EMF Datasheet HTML 18Page - Microchip Technology TC1303B-CS2EMF Datasheet HTML 19Page - Microchip Technology TC1303B-CS2EMF Datasheet HTML 20Page - Microchip Technology TC1303B-CS2EMF Datasheet HTML 21Page - Microchip Technology TC1303B-CS2EMF Datasheet HTML 22Page - Microchip Technology TC1303B-CS2EMF Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
© 2005 Microchip Technology Inc.
DS21949A-page 19
TC1303B
5.5
Inductor Selection
For most applications, a 4.7 µH inductor is recom-
mended to minimize noise. There are many different
magnetic core materials and package options to select
from. That decision is based on size, cost and accept-
able radiated energy levels. Toroid and shielded ferrite
pot cores will have low radiated energy but tend to be
larger and higher is cost. With a typical 2.0 MHz switch-
ing frequency, the inductor ripple current can be
calculated based on the following formulas.
EQUATION 5-2:
Duty cycle represents the percentage of switch-on
time.
EQUATION 5-3:
The inductor ac ripple current can be calculated using
the following relationship:
EQUATION 5-4:
Solving for
ΔIL = yields:
EQUATION 5-5:
When considering inductor ratings, the maximum DC
current rating of the inductor should be at least equal to
the maximum buck regulator load current (IOUT1), plus
one half of the peak-to-peak inductor ripple current
(1/2 *
ΔIL). The inductor DC resistance can add to the
buck converter I2R losses. A rating of less than 200 m
Ω
is recommended. Overall efficiency will be improved by
using lower DC resistance inductors.
TABLE 5-2:
TC1303B RECOMMENDED
INDUCTOR VALUES
5.6
Thermal Calculations
5.6.1
BUCK REGULATOR OUTPUT
(VOUT1)
The TC1303B is available in two different 10-pin
packages (MSOP and 3X3 DFN). By calculating the
power dissipation and applying the package thermal
resistance, (
θJA), the junction temperature is estimated.
The maximum continuous junction temperature rating
for the TC1303B is 125°C.
To quickly estimate the internal power dissipation for
the switching buck regulator, an empirical calculation
using measured efficiency can be used. Given the
measured efficiency (Section 2.0 “Typical Perfor-
mance Curves”), the internal power dissipation is
estimated below.
EQUATION 5-6:
The first term is equal to the input power (definition of
efficiency, POUT/PIN = Efficiency). The second term is
equal to the delivered power. The difference is internal
power dissipation. This is an estimate assuming that
most of the power lost is internal to the TC1303B.
There is some percentage of power lost in the buck
inductor, with very little loss in the input and output
capacitors.
DutyCycle
V
OUT
V
IN
-------------
=
T
ON
DutyCycle
1
F
SW
----------
×
=
Where:
FSW = Switching Frequency.
V
L
L
ΔI
L
Δt
--------
×
=
Where:
VL = voltage across the inductor (VIN – VOUT)
Δt = on-time of P-channel MOSFET
ΔI
L
V
L
L
------
Δt
×
=
Part
Number
Value
(µH)
DCR
Ω
(MAX)
MAX
IDC (A)
Size
WxLxH (mm)
Coiltronics®
SD10
2.2
0.091
1.35
5.2, 5.2, 1.0 max.
SD10
3.3
0.108
1.24
5.2, 5.2, 1.0 max.
SD10
4.7
0.154
1.04
5.2, 5.2, 1.0 max.
Coiltronics
SD12
2.2
0.075
1.80
5.2, 5.2, 1.2 max.
SD12
3.3
0.104
1.42
5.2, 5.2, 1.2 max.
SD12
4.7
0.118
1.29
5.2, 5.2, 1.2 max.
Sumida Corporation®
CMD411
2.2
0.116
0.950 4.4, 5.8, 1.2 max.
CMD411
3.3
0.174
0.770 4.4, 5.8, 1.2 max.
CMD411
4.7
0.216
0.750 4.4, 5.8, 1.2 max.
Coilcraft®
1008PS
4.7
0.35
1.0
3.8,3.8,2.74 max.
1812PS
4.7
0.11
1.15
5.9,5.0, 3.81 max
V
OUT1
I
OUT1
×
Efficiency
-------------------------------------
⎝⎠
⎛⎞
V
OUT1
I
OUT1
×
()
–
P
Diss ipation
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com