Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9880 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA9880
Description  Alignment-free multistandard vision and FM sound IF-PLL demodulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9880 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA9880 Datasheet HTML 9Page - NXP Semiconductors TDA9880 Datasheet HTML 10Page - NXP Semiconductors TDA9880 Datasheet HTML 11Page - NXP Semiconductors TDA9880 Datasheet HTML 12Page - NXP Semiconductors TDA9880 Datasheet HTML 13Page - NXP Semiconductors TDA9880 Datasheet HTML 14Page - NXP Semiconductors TDA9880 Datasheet HTML 15Page - NXP Semiconductors TDA9880 Datasheet HTML 16Page - NXP Semiconductors TDA9880 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
1999 Jul 21
13
Philips Semiconductors
Product specification
Alignment-free multistandard vision and
FM sound IF-PLL demodulator
TDA9880
Video output signal (pin 13; trap bypass mode; V12 < 0.8 V; sound carrier off); see Fig.10; note 12
Vo(v)(p-p)
video output signal voltage
(peak-to-peak value)
see Fig.10
0.95
1.10
1.25
V
Vsync
sync pulse voltage level
1.4
1.5
1.6
V
Vzc
zero carrier voltage level
2.57
2.72
2.87
V
Vv(clu)
upper video clipping voltage
level
3.1
3.25
−
V
Vv(cll)
lower video clipping voltage
level
−
1.15
1.3
V
Bv(−1dB)
−1 dB video bandwidth
CL < 20 pF; RL >1kΩ;
AC load
56
−
MHz
Bv(−3dB)
−3 dB video bandwidth
CL < 20 pF; RL >1kΩ;
AC load
78
−
MHz
S/NW
weighted signal-to-noise ratio
weighted in accordance
with
“CCIR 567”;
see Fig.6; note 9
56
60
−
dB
S/NUW
unweighted signal-to-noise
ratio
note 9
49
53
−
dB
Trap control (pin 12)
Io(source)(max)
maximum output source
current
5913
µA
Io(sink)(max)
maximum output sink current
9
13
17
µA
KD(trap)
frequency detector steepness
∆I12/∆ftrap
ftrap = 4.5 MHz
(M/N standard)
−−8
−µA/MHz
ftrap = 6.5 MHz
(D/K standard)
−−5.5
−µA/MHz
V12
operating voltage range of trap
frequency control at pin 12
1.5
−
3.5
V
IL(12)
leakage current at pin 12
∆ftrap < ±25 kHz
−−±80
nA
CRstps
control steepness
∆ftrap/∆V12
ftrap = 4.5 MHz
(M/N standard)
−
4.5
−
MHz/V
ftrap = 6.5 MHz
(D/K standard)
−
9
−
MHz/V
Vsw
switching voltage
trap bypass mode active
−−
0.8
V
Isource
source current
trap bypass mode active;
V12 ≤ 0.8 V
−
185
−µA
VIF-AGC detector (pin 20)
Ich(max)(20)
maximum charge current
6
8
10
µA
Idch(max)(20)
maximum discharge current
7.5
10
12.5
µA
tres(inc)
AGC response time to an
increasing VIF step
6 dB; note 13
−
2.0
−
ms
20 dB; note 13
−
2.5
−
ms
40 dB; note 13
−
4.0
−
ms
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com