Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3018 Datasheet(PDF) 2 Page - GTM CORPORATION

Part # GS3018
Description  N-CHANNEL MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GS3018 Datasheet(HTML) 2 Page - GTM CORPORATION

  GS3018 Datasheet HTML 1Page - GTM CORPORATION GS3018 Datasheet HTML 2Page - GTM CORPORATION GS3018 Datasheet HTML 3Page - GTM CORPORATION GS3018 Datasheet HTML 4Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GS3018
Page: 2/4
ISSUED DATE :2004/11/24
REVISED DATE :2005/12/02C
Electrical Characteristics(Tj = 25
Unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
30
-
-
V
VGS=0, ID=250uA
Gate Threshold Voltage
VGS(th)
0.8
-
2.0
V
VDS=VGS, ID=0.1mA
Forward Transconductance
gfs
20
-
-
mS
VDS=3V, ID=10mA
Gate-Source Leakage Current
IGSS
-
-
±1
uA
VGS= ±20V
Drain-Source Leakage Current
IDSS
-
-
1
uA
VDS=30V, VGS=0
-
5
8
VGS=4V, ID=10mA
Static Drain-Source On-Resistance
RDS(ON)
-
7
13
VGS=2.5V, ID=1mA
Input Capacitance
Ciss
-
-
50
Output Capacitance
Coss
-
-
25
Reverse Transfer Capacitance
Crss
-
-
5
pF
VGS=0V
VDS=5V
f=1.0MHz
Source-Drain Diode
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Forward On Voltage2
VSD
-
0.84
1.5
V
IS=100mA, VGS=0V
Notes: 1. Pulse width limited by Max. junction temperature.
2. Pulse width 300us, duty cycle 2%.
3. Surface mounted on 1 in2 copper pad of FR4 board; 270 : /W when mounted on Min. copper pad.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com