Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBDELPS2.D2 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # KBDELPS2.D2
Description  The TOPLED E1608 expands ams-OSRAM’s low power portfolio to meet the requirements in the field of illumination of switches and buttons in automotive interior applications.
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KBDELPS2.D2 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button KBDELPS2.D2 Datasheet HTML 7Page - OSRAM GmbH KBDELPS2.D2 Datasheet HTML 8Page - OSRAM GmbH KBDELPS2.D2 Datasheet HTML 9Page - OSRAM GmbH KBDELPS2.D2 Datasheet HTML 10Page - OSRAM GmbH KBDELPS2.D2 Datasheet HTML 11Page - OSRAM GmbH KBDELPS2.D2 Datasheet HTML 12Page - OSRAM GmbH KBDELPS2.D2 Datasheet HTML 13Page - OSRAM GmbH KBDELPS2.D2 Datasheet HTML 14Page - OSRAM GmbH KBDELPS2.D2 Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
KB DELPS2.D2
DATASHEET
DATASHEET
11 | Version 1.2 | 2024-05-16
Forward current 7)
I
F = f(VF); TS = 25 °C
KB DELPS2.D2
2.52.6
2.83.0
3.2
VF /V
1
2
4
6
8
10
12
14
16
18
20
IF /mA
Relative Luminous Intensity 7)
I
v/Iv(5 mA) = f(IF); TS = 25 °C
KB DELPS2.D2
IF /mA
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
IV
IV(5mA)
Chromaticity Coordinate Shift 7)
ΔCx, ΔCy = f(I
F); TS = 25 °C
KB DELPS2.D2
IF /mA
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
∆Cx
∆Cy
: ∆ Cx -4T
: ∆ Cy -4T
: ∆ Cx -2S
: ∆ Cy -2S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com