Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBDELSS2.12 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # KBDELSS2.12
Description  The TOPLED E1608 expands ams OSRAM’s low power portfolio to meet the requirements in the field of illumination of switches and buttons in automotive interior applications.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KBDELSS2.12 Datasheet(HTML) 2 Page - OSRAM GmbH

  KBDELSS2.12 Datasheet HTML 1Page - OSRAM GmbH KBDELSS2.12 Datasheet HTML 2Page - OSRAM GmbH KBDELSS2.12 Datasheet HTML 3Page - OSRAM GmbH KBDELSS2.12 Datasheet HTML 4Page - OSRAM GmbH KBDELSS2.12 Datasheet HTML 5Page - OSRAM GmbH KBDELSS2.12 Datasheet HTML 6Page - OSRAM GmbH KBDELSS2.12 Datasheet HTML 7Page - OSRAM GmbH KBDELSS2.12 Datasheet HTML 8Page - OSRAM GmbH KBDELSS2.12 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
KB DELSS2.12
DATASHEET
DATASHEET
2 | Version 1.3 | 2024-06-19
TOPLED® E1608
KB DELSS2.12
The TOPLED E1608 expands ams OSRAM’s low power port-
folio to meet the requirements in the field of illumination of
switches and buttons in automotive interior applications. It
offers one of the smallest LED industry standard footprints in a
highly reliable and well proved package concept. The TOPLED
E1608 is available in different colors and brightness levels. Its
outstanding performance is suitable for a huge variety of appli-
cations where a small package design with excellent reliability is
needed.
Applications
- Ambient Lighting
- Appliances & Tools
- Automotive Aftermarket
- Functional Illumination
Features
- Package: white SMT package, colorless clear resin
- Chip technology: Volume emitter on Sapphire (AlInGaN)
- Typ. Radiation: 120°
- Color: λ
dom = 466 nm (● blue)
- Corrosion Robustness Class: 2B
- Qualifications: AEC-Q102 Qualified
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com