Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPCSLMM1.F1 Datasheet(PDF) 12 Page - OSRAM GmbH

Part # KPCSLMM1.F1
Description  Compact light source with isolated heat sink for improved heat dissipation and high current chip technology for increased light output.
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KPCSLMM1.F1 Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button KPCSLMM1.F1 Datasheet HTML 8Page - OSRAM GmbH KPCSLMM1.F1 Datasheet HTML 9Page - OSRAM GmbH KPCSLMM1.F1 Datasheet HTML 10Page - OSRAM GmbH KPCSLMM1.F1 Datasheet HTML 11Page - OSRAM GmbH KPCSLMM1.F1 Datasheet HTML 12Page - OSRAM GmbH KPCSLMM1.F1 Datasheet HTML 13Page - OSRAM GmbH KPCSLMM1.F1 Datasheet HTML 14Page - OSRAM GmbH KPCSLMM1.F1 Datasheet HTML 15Page - OSRAM GmbH KPCSLMM1.F1 Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
KP CSLMM1.F1
DATASHEET
DATASHEET
12 | Version 1.1 | 2024-06-05
Forward Voltage 4)
ΔV
F = VF - VF(25 °C) = f(Tj); IF = 750 mA
KP CSLMM1.F1
Tj /°C
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
∆VF /V
Relative Luminous Flux 4)
Φ
v/Φv(25 °C) = f(Tj); IF = 750 mA
KP CSLMM1.F1
Tj /°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Φv
Φv(25°C)
Chromaticity Coordinate Shift 4)
ΔCx, ΔCy = f(T
j); IF = 750 mA;
full spectral range
KP CSLMM1.F1
-40-20 020406080 100 120
Tj /°C
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
∆Cx
∆Cy
: ∆ Cx
: ∆ Cy
Chromaticity Coordinate Shift 4)
ΔCx, ΔCy = f(T
j); IF = 750 mA;
within λ = 500 ... 600 nm 
KP CSLMM1.F1
-40-20 020406080 100 120
Tj /°C
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
∆Cx
∆Cy
: ∆ Cx
: ∆ Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com