Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR8H100MFS Datasheet(PDF) 3 Page - ON Semiconductor

Part # MBR8H100MFS
Description  Switch Mode Power Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR8H100MFS Datasheet(HTML) 3 Page - ON Semiconductor

  MBR8H100MFS Datasheet HTML 1Page - ON Semiconductor MBR8H100MFS Datasheet HTML 2Page - ON Semiconductor MBR8H100MFS Datasheet HTML 3Page - ON Semiconductor MBR8H100MFS Datasheet HTML 4Page - ON Semiconductor MBR8H100MFS Datasheet HTML 5Page - ON Semiconductor MBR8H100MFS Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MBR8H100MFS, NRVB8H100MFS
www.onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 5. Typical Junction Capacitance
Figure 6. Current Derating
VR, REVERSE VOLTAGE (V)
TC, CASE TEMPERATURE (°C)
100
50
40
30
20
10
0
10
100
1,000
160
140
120
100
80
60
0
2
4
6
8
12
14
20
Figure 7. Forward Power Dissipation
IF(AV), AVERAGE FORWARD CURRENT (A)
4
3
2
1
0
0
1
2
3
5
6
7
8
Figure 8. Thermal Response
TIME (sec)
0.01
0.001
10
0.0001
100
0.00001
10,000
0.01
0.1
1
10
100
TJ = 25°C
10
RqJC = 2.2°C/W
Square Wave
dc
TJ = 175°C
4
Square Wave
dc
IPK/IAV = 20
IPK/IAV = 10
IPK/IAV = 5
1
0.1
Single Pulse
50% Duty Cycle
20%
10%
5%
2%
1%
Assumes 25°C ambient and soldered
to a 650 mm2 1 oz copper pad
60
80
70
90
16
18
1,000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com